Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP486 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP486
Description  Quad RS-485/RS-422 Line Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP486 Datasheet(HTML) 1 Page - Exar Corporation

  SP486 Datasheet HTML 1Page - Exar Corporation SP486 Datasheet HTML 2Page - Exar Corporation SP486 Datasheet HTML 3Page - Exar Corporation SP486 Datasheet HTML 4Page - Exar Corporation SP486 Datasheet HTML 5Page - Exar Corporation SP486 Datasheet HTML 6Page - Exar Corporation SP486 Datasheet HTML 7Page - Exar Corporation SP486 Datasheet HTML 8Page - Exar Corporation SP486 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP486_487_00_066
DESCRIPTION
• RS-485 or RS-422 Applications
• Quad Differential Line Drivers
• Tri-state Output Control
• 40ns Typical Driver Propagation Delays
• 5ns Skew
• -7V to +2V Common Mode Output Range
• 00µA Supply Current
• Single +5V Supply Operation
• Pin Compatible with SN7572, SN7574, LTC486 and LTC487
SP486/SP487
Quad RS-485/RS-422 Line Drivers
The
SP486 and SP487 are low-power quad differential line drivers meeting RS-485 and RS-
422 standards. The SP486 features a common driver enable control; the SP487 provides
independent driver enable controls for each pair of drivers. Both feature tri-state outputs
and a wide common-mode output range. SP486 and SP487 are available in a 6-pin SOIC
package.


Similar Part No. - SP486

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486CS SIPEX-SP486CS Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486CS SIPEX-SP486CS Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486CT SIPEX-SP486CT Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
More results

Similar Description - SP486

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
RS-485/RS-422 Quad Differential Line Drivers
logo
Sipex Corporation
SP3486 SIPEX-SP3486 Datasheet
185Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
RS-485/RS-422 Quad Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com