Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP486 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP486
Description  Quad RS-485/RS-422 Line Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP486 Datasheet(HTML) 3 Page - Exar Corporation

  SP486 Datasheet HTML 1Page - Exar Corporation SP486 Datasheet HTML 2Page - Exar Corporation SP486 Datasheet HTML 3Page - Exar Corporation SP486 Datasheet HTML 4Page - Exar Corporation SP486 Datasheet HTML 5Page - Exar Corporation SP486 Datasheet HTML 6Page - Exar Corporation SP486 Datasheet HTML 7Page - Exar Corporation SP486 Datasheet HTML 8Page - Exar Corporation SP486 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP486_487_00_066
PARAMETERS
MIN.
TYP.
MAX.
UNITS CONDITIONS
ENVIRONMENTAL AND MECHANICAL
Operating Temperature, _C
0
+70
°C
Operating Temperature, _E
-40
+85
°C
Storage Temperature
-65
+50
°C
Package -_T
6-pin SOIC
AC CHARACTERISTICS
Maximum Data Rate
0
Mbps
Propagation Delay, t
PLH
20
40
60
ns
R
DIFF = 54 ohms, CL= CL2 = 00pF;
Figure 2
Propagation Delay, t
PHL
20
40
60
ns
R
DIFF = 54 ohms, CL= CL2 = 00pF;
Figure 2
Differential Driver Skew
5
5
ns
R
DIFF = 54 ohms, CL= CL2 = 00pF;
Figure 2
Driver Rise Time (t
R)
20
ns
0% to 90%
Driver Fall Time (t
F)
20
ns
90% to 0%
Driver Enable to output High
60
0
ns
C
L = 00pF, Figures 3 and 5
(S2 closed)
Driver Enable to output Low
60
5
ns
C
L = 00pF, Figures 3 and 5
(S closed)
Driver Disable from output High
60
30
ns
C
L = 5pF, Figures 3 and 5
(S2 closed)
Driver Disable from output Low
60
30
ns
C
L = 5pF, Figures 3 and 5
(S closed)
ELECTRICAL CHARACTERISTICS
V
CC = +5.0V +/-5%; typicals at 25°C; TMIN ≤ TAMB ≤ TMAX unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com