Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP486 Datasheet(PDF) 4 Page - Exar Corporation

Part # SP486
Description  Quad RS-485/RS-422 Line Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP486 Datasheet(HTML) 4 Page - Exar Corporation

  SP486 Datasheet HTML 1Page - Exar Corporation SP486 Datasheet HTML 2Page - Exar Corporation SP486 Datasheet HTML 3Page - Exar Corporation SP486 Datasheet HTML 4Page - Exar Corporation SP486 Datasheet HTML 5Page - Exar Corporation SP486 Datasheet HTML 6Page - Exar Corporation SP486 Datasheet HTML 7Page - Exar Corporation SP486 Datasheet HTML 8Page - Exar Corporation SP486 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP486_487_00_066
Pin  - DI
 - Driver  Input - If driver  output is
enabled, a logic 0 on DI
 forces driver output DOA
low and DO
B high. A logic  on DI with driver 
output enabled forces driver DO
A high and DOB
low.
Pin 2 - DO
A - Driver  output A.
Pin 3 - DO
B - Driver  output B.
Pin 4 - EN - Driver Output Enable; Please refer to
SP486 truth table ().
Pin 5 - DO
2B - Driver 2 output B.
Pin 6 - DO
2A - Driver 2 output A.
Pin 7 - DI
2 - Driver 2 Input - If driver 2 output is
enabled, a logic 0 on DI
2 forces driver output DO2A
low and DO
2B high. A logic  on DI2 with driver 2
output enabled forces driver DO
2A high and DO2B
low.
Pin 8 - GND - Ground.
SP486
Pin Function SP486
PIN FUNCTION
Pin 9 - DI
3 - Driver 3 Input - If driver 3 output is
enabled, a logic 0 on DI
 forces driver output DO3A
low and DO
3B high. A logic  on DI3 with driver 3
output enabled forces driver DO
3A high and DO3B
low.
Pin 0 - DO
3A - Driver 3 output A.
Pin  - DO
3B - Driver 3 output B.
Pin 2 - EN - Driver Output Disable; Please refer to
SP486 truth table ().
Pin 3 - DO
4B - Driver 4 output B.
Pin 4 - DO
4A - Driver 4 output A.
Pin 5 - DI
4 - Driver 4 Input - If driver 4 output is
enabled, a logic 0 on DI
4 forces driver output DO4A
low and DO
4B high. A logic  on DI4 with driver 4
output enabled forces driver DO
4A high and DO4B
low.
Pin 16 - Supply Voltage - +4.75V ≤ Vcc ≤ +5.25V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com