Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08080W Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08080W
Description  2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08080W Datasheet(HTML) 2 Page - Texas Instruments

  PTH08080W Datasheet HTML 1Page - Texas Instruments PTH08080W Datasheet HTML 2Page - Texas Instruments PTH08080W Datasheet HTML 3Page - Texas Instruments PTH08080W Datasheet HTML 4Page - Texas Instruments PTH08080W Datasheet HTML 5Page - Texas Instruments PTH08080W Datasheet HTML 6Page - Texas Instruments PTH08080W Datasheet HTML 7Page - Texas Instruments PTH08080W Datasheet HTML 8Page - Texas Instruments PTH08080W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PTH08080W
SLTS235D – FEBRUARY 2005 – REVISED SEPTEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
(1)
PTH08080W
UNIT
TA
Operating free-air
Over VI range
–40 to 85
°C
temperature
Wave Solder
Suffix AH
235
temperature
Suffix AD
260
TS
Surface temperature of module body or pins
°C
Solder reflow
Suffix AS
235
temperature
Suffix AZ
260
Tstg Storage temperature
–55 to 125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VI
Input voltage
4.5
18
V
TA
Operating free-air temperature
–40
85
°C
PACKAGE SPECIFICATIONS
PTH08080W (Suffix AH and AS)
Weight
1.5 grams
Flammability
Meets UL 94 V-O
Mechanical shock
Per Mil-STD-883D, Method 2002.3, 1 ms, 1/2 sine, mounted
500 G (1)
Mechanical vibration
Mil-STD-883D, Method 2007.2, 20-2000 Hz
20 G (1)
(1)
Qualification limit.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links :PTH08080W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com