Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08080W Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08080W
Description  2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08080W Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH08080W Datasheet HTML 3Page - Texas Instruments PTH08080W Datasheet HTML 4Page - Texas Instruments PTH08080W Datasheet HTML 5Page - Texas Instruments PTH08080W Datasheet HTML 6Page - Texas Instruments PTH08080W Datasheet HTML 7Page - Texas Instruments PTH08080W Datasheet HTML 8Page - Texas Instruments PTH08080W Datasheet HTML 9Page - Texas Instruments PTH08080W Datasheet HTML 10Page - Texas Instruments PTH08080W Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
VI
GND
GND
VO
RSET
0.05W
1%
PTH08080W
2
4
3
1
5
V Adj
O
GND
Inhibit
VI
VO
CI
CO
D1(SeeNote3)
R
=10k
x
SET
W
0.891 V
V
-0.9V
out
-1.82kW
PTH08080W
www.ti.com
SLTS235D – FEBRUARY 2005 – REVISED SEPTEMBER 2013
APPLICATION INFORMATION
Adjusting the Output Voltage of the PTH08080W Wide-Output Adjust Power Modules
The VO Adjust control (pin 4) sets the output voltage of the PTH08080W product. The adjustment range is from
0.9 V to 5.5 V. The adjustment method requires the addition of a single external resistor, RSET, that must be
connected directly between the VO Adjust and GND (pin 2). Table 1 gives the standard external resistor for a
number of common bus voltages, along with the actual voltage the resistance produces.
For other output voltages, the value of the required resistor can either be calculated using the following formula,
or simply selected from the range of values given in Table 2. Figure 10 shows the placement of the required
resistor.
Table 1. Standard Values of RSET for Common Output
Voltages
VO
Rset
VO
(Required)
(Standard Value)
(Actual)
5 V(1)
348
Ω
5.010 V
3.3 V
1.87 k
Ω
3.315 V
2.5 V
3.74 k
Ω
2.503 V
2 V
6.19 k
Ω
2.012 V
1.8 V
8.06 k
Ω
1.802 V
1.5 V(2)
13.0 k
Ω
1.501 V
1.2 V(2)
27.4 k
Ω
1.205 V
1 V(2)
86.6 k
Ω
1.001 V
0.9 V(2)
Open
0.9 V
(1)
The minimum input voltage is 4.5 V or (VO + 1.1) V, whichever is
greater.
(2)
The maximum input voltage is 18 V or (VO × 10) V, whichever is
lesser.
(1)
A 0.05-W rated resistor may be used. The tolerance should be 1%, with a temperature stability of 100 ppm/°C (or
better). Place the resistor as close to the regulator as possible. Connect the resistor directly between pins 4 and 2
using dedicated PCB traces.
(2)
Never connect capacitors from VO Adjust to either GND or VO . Any capacitance added to the VO Adjust pin affects
the stability of the regulator.
(3)
The protection diode, D1, is required whenever the output voltage setpoint is adjusted to 5.25 V (or higher) and VI is
16 V or greater.
Figure 10. VO Adjust Resistor Placement
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :PTH08080W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com