Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08080W Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08080W
Description  2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08080W Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTH08080W Datasheet HTML 10Page - Texas Instruments PTH08080W Datasheet HTML 11Page - Texas Instruments PTH08080W Datasheet HTML 12Page - Texas Instruments PTH08080W Datasheet HTML 13Page - Texas Instruments PTH08080W Datasheet HTML 14Page - Texas Instruments PTH08080W Datasheet HTML 15Page - Texas Instruments PTH08080W Datasheet HTML 16Page - Texas Instruments PTH08080W Datasheet HTML 17Page - Texas Instruments PTH08080W Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
25-Sep-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
PTH08080WAD
ACTIVE
Through-
Hole Module
EUF
5
90
Pb-Free
(RoHS)
SN
N / A for Pkg Type
-40 to 85
PTH08080WAH
ACTIVE
Through-
Hole Module
EUF
5
90
Pb-Free
(RoHS)
SN
N / A for Pkg Type
-40 to 85
PTH08080WAS
ACTIVE
Surface
Mount Module
EUG
5
90
TBD
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
-40 to 85
PTH08080WAST
ACTIVE
Surface
Mount Module
EUG
5
250
TBD
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
-40 to 85
PTH08080WAZ
ACTIVE
Surface
Mount Module
EUG
5
90
Pb-Free
(RoHS)
SNAGCU
Level-3-260C-168 HR
-40 to 85
PTH08080WAZT
ACTIVE
Surface
Mount Module
EUG
5
250
Pb-Free
(RoHS)
SNAGCU
Level-3-260C-168 HR
-40 to 85
PTH08080WBH
ACTIVE
Through-
Hole Module
EUF
5
90
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com