Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08080W Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08080W
Description  2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08080W Datasheet(HTML) 4 Page - Texas Instruments

  PTH08080W Datasheet HTML 1Page - Texas Instruments PTH08080W Datasheet HTML 2Page - Texas Instruments PTH08080W Datasheet HTML 3Page - Texas Instruments PTH08080W Datasheet HTML 4Page - Texas Instruments PTH08080W Datasheet HTML 5Page - Texas Instruments PTH08080W Datasheet HTML 6Page - Texas Instruments PTH08080W Datasheet HTML 7Page - Texas Instruments PTH08080W Datasheet HTML 8Page - Texas Instruments PTH08080W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
PIN
1
2
3
5
4
PTH08080W
SLTS235D – FEBRUARY 2005 – REVISED SEPTEMBER 2013
www.ti.com
PIN ASSIGNMENT
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VI
1
I
The positive input voltage power node to the module, which is referenced to common GND.
This is the common ground connection for the VI and VO power connections. It is also the 0-Vdc reference for
GND
2
the Inhibit and VO Adjust control inputs.
VO
3
O
The regulated positive power output with respect to the GND node.
A 1% resistor must be connected between this pin and GND (pin 2) to set the output voltage of the module
higher than 0.9 V. If left open-circuit, the output voltage defaults to this value. The temperature stability of the
VO Adjust
4
I
resistor should be 100 ppm/°C (or better). The set-point range is from 0.9 V to 5.5 V. The electrical
specification table gives the standard resistor value for a number of common output voltages. See the
application information for further guidance.
The Inhibit pin is an open-collector/drain-negative logic input that is referenced to GND. Applying a low-level
ground signal to this input disables the module's output. When the Inhibit control is active, the input current
Inhibit
5
I
drawn by the regulator is significantly reduced. If the Inhibit pin is left open-circuit, the module produces an
output voltage whenever a valid input source is applied. Do not place an external pull-up on this pin.
Figure 1. Terminal Location
TYPICAL CHARACTERISTICS (5-V INPUT) (1) (2)
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 2, Figure 3, and Figure 4.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100-mm × 100-mm, double-sided PCB with 2-oz. copper.
Applies to Figure 5.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links :PTH08080W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com