Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88843V Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY88843V
Description  LOW-POWER LIMITING POST AMPLIFIER WITH TTL LOS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88843V Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY88843V Datasheet HTML 3Page - Micrel Semiconductor SY88843V Datasheet HTML 4Page - Micrel Semiconductor SY88843V Datasheet HTML 5Page - Micrel Semiconductor SY88843V Datasheet HTML 6Page - Micrel Semiconductor SY88843V Datasheet HTML 7Page - Micrel Semiconductor SY88843V Datasheet HTML 8Page - Micrel Semiconductor SY88843V Datasheet HTML 9Page - Micrel Semiconductor SY88843V Datasheet HTML 10Page - Micrel Semiconductor SY88843V Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
SY88773V
Micrel, Inc.
M9999-110905
hbwhelp@micrel.com or (408) 955-1690
DETAILED DESCRIPTION
The SY88773V low-power, limiting post amplifier operates
from a single +3.3V or +5V power supply, over temperatures
from –40
°C to +85°C. Signals with data rates up to 3.2Gbps
and as small as 10mVpp can be amplified. Figure 1 shows
the allowed input voltage swing. The SY88773V generates
an LOS output, providing feedback to /EN for output stability.
LOSLVL sets the sensitivity of the input amplitude detection.
Input Amplifier/Buffer
The SY88773V input is designed for VREF as its nominal
DC bias point. If AC-coupling to the SY88773V, REF can
be used as the DC bias point by externally connecting the
inputs through appropriate termination resistors to REF. If
DC-coupling to the SY88773V, ensure the upstream device’s
output swing meets the SY88773V’s common mode range.
Figure 2 shows a simplified schematic of the input structure.
The high-sensitivity of the input amplifier detects and
amplifies signals as small as 10mVpp. The input amplifier
allows input signals as large as 1800mVpp. Input signals
are linearly amplified with a typically 38dB differential voltage
gain. Since it is a limiting amplifier, the SY88773V outputs
typically 800mVpp voltage-limited waveforms for input signals
that are greater than 10mVpp. Applications requiring the
SY88773V to operate with high-gain should have the
upstream TIA placed as close as possible to the SY88773V’s
input pins to ensure the device’s best performance.
Output Buffer
The SY88773V’s CML output buffer is designed to drive
50
Ω lines. The output buffer requires appropriate termination
for proper operation. An external 50
Ω resistor to VCC or
equivalent for each output pin provides appropriate output
buffer termination. Figure 3 shows a simplified schematic of
the output structure and includes an appropriate termination
method. Of course, driving a downstream device with a
CML input that is internally terminated with 50
Ω to VCC
eliminates the need for external termination. As noted in
the previous section, the amplifier outputs, typically 800mVpp,
waveforms across 25
Ω total loads. The output buffer, thus,
switches typically 16mA tail-current. Figure 4 shows the
power supply current measurement which excludes the
16mA tail-current.
Loss-of-Signal
The SY88773V incorporates a chatter-free, LOS open-
collector TTL output with internal 4.75k
Ω pull-up resistor as
shown in Figure 5. LOS is used to determine that the input
amplitude is too small to be considered a valid input. LOS
asserts high if the input amplitude falls below the threshold
set by LOSLVL and de-asserts low otherwise. LOS can be
fed back to the enable (/EN) input to maintain output stability
under a loss-of-signal condition. /EN de-asserts low the
true output signal without removing the input signals.
Typically, 4.6dB LOS hysteresis is provided to prevent
chattering.
Loss-of-Signal Level Set
A programmable, loss-of-signal level set pin sets the
threshold of the input amplitude detection. Connecting an
external resistor between VCC and LOSLVL sets the voltage
at LOSLVL. This voltage ranges from V
CC to VREF. The
external resistor creates a voltage divider between VCC
and REF as shown in Figure 6. If desired, an appropriate
external voltage may be applied rather than using a resistor.
The relationship between VLOSLVL and RLOSLVL is given by:
VV
R
R+
LOSLVL
CC
LOSLVL
LOSLVL
=
13
28
.
.
where voltages are in volts and resistances are in k
Ω.
The smaller the external resistor, which implies a smaller
voltage difference from LOSLVL to VCC, the lower the LOS
sensitivity. Hence, larger input amplitude is required to de-
assert LOS. The “Typical Operating Characteristics” section
contains graphs showing the relationship between the input
amplitude detection sensitivity and VLOSLVL or RLOSLVL.
Hysteresis
The SY88773V provides typically 4.6dB LOS electrical
hysteresis. By definition, a power ratio measured in dB is
10log(power ratio). Power is calculated as V2
IN/R for an
electrical signal. Hence, the same ratio can be stated as
20log(voltage ratio). While in linear mode, the electrical
voltage input changes linearly with the optical power and,
hence, the ratios change linearly. Therefore, the optical
hysteresis in dB is half the electrical hysteresis in dB given
in the datasheet. The SY88773V provides typically 2.3dB
LOS optical hysteresis. As the SY88773V is an electrical
device, this datasheet refers to hysteresis in electrical terms.
With 4.6dB LOS hysteresis, a voltage factor of 1.7 is required
to de-assert LOS.
Hysteresis and Sensitivity Improvement
If increased LOS sensitivity and hysteresis are required,
an application note entitled “Notes on Sensitivity and
Hysteresis in Micrel Post Amplifiers” is available at http://
www.micrel.com/product-info/app_hints+notes.shtml.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com