Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88843V Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88843V
Description  LOW-POWER LIMITING POST AMPLIFIER WITH TTL LOS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88843V Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88843V Datasheet HTML 1Page - Micrel Semiconductor SY88843V Datasheet HTML 2Page - Micrel Semiconductor SY88843V Datasheet HTML 3Page - Micrel Semiconductor SY88843V Datasheet HTML 4Page - Micrel Semiconductor SY88843V Datasheet HTML 5Page - Micrel Semiconductor SY88843V Datasheet HTML 6Page - Micrel Semiconductor SY88843V Datasheet HTML 7Page - Micrel Semiconductor SY88843V Datasheet HTML 8Page - Micrel Semiconductor SY88843V Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
SY88773V
Micrel, Inc.
M9999-110905
hbwhelp@micrel.com or (408) 955-1690
The SY88773V low-power, limiting post amplifier is
designed for use in fiber optic receivers. The device connects
to typical transimpedance amplifiers (TIAs). The linear signal
output from TIAs can contain significant amounts of noise
and may vary in amplitude over time. The SY88773V
quantizes these signals and outputs typically 800mVPP
voltage-limited waveforms.
The SY88773V operates from a single +3.3V
±10% or
+5V
±10% power supply, over an industrial temperature
range of –40
°C to +85°C. With its wide bandwidth and high
gain, signals with data rates up to 3.2Gbps and as small as
10mVpp can be amplified to drive devices with CML inputs
or AC-coupled PECL inputs.
The SY88773V incorporates a loss-of-signal (LOS), open-
collector TTL output with internal 4.75k
Ω pull-up resistor. A
programmable, loss-of-signal level set pin (LOSLVL) sets
the sensitivity of the input amplitude detection. LOS asserts
high if the input amplitude falls below the threshold set by
LOSLVL and de-asserts low otherwise. LOS can be fed
back to the enable (/EN) input to maintain output stability
under a loss-of-signal condition. /EN de-asserts the true
output signal without removing the input signal. Typically
4.6dB LOS hysteresis is provided to prevent chattering.
Please see Micrel’s website at www.micrel.com for a
complete selection of optical module ICs. The following table
summarizes the differences between devices in Micrel’s
latest family of Limiting Amplifiers.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
Integrated 50
LOS
Active LOW
Part Number
Input Termination
or SD
or HIGH Enable
SY88773V
No
LOS
LOW
SY88823V
No
SD
HIGH
SY88843V
Yes
SD
HIGH
SY88973V
Yes
LOS
LOW
Table 1. Limiting Amplifiers Selection Guide
DESCRIPTION
s Multi-rate up to 3.2Gbps operation
s Wide gain-bandwidth product
• 38dB differential gain
• 2GHz 3dB bandwidth
s Low noise 50
CML data outputs
• 800mVPP output swing
• 60ps edge rates
• 5ps(RMS) typ. random jitter
• 15ps(PP) typ. deterministic jitter
s Chatter-free, Loss-of-Signal (LOS) output
• 4.6dB electrical hysteresis
• OC-TTL output with internal 4.75k
pull-up
resistor
s Programmable LOS sensitivity using single external
resistor
s Integrated input bias reference
s TTL /EN input allows feedback from LOS
s Wide operating range
• Single 3.3V
±10% or 5V ±10% power supply
• –40
°C to +85°C industrial temperature range
s Available in tiny 10-pin EPAD-MSOP and
16-pin MLF™ packages
FEATURES
3.3V/5V 3.2Gbps CML
LOW-POWER LIMITING POST
AMPLIFIER WITH TTL LOS
SY88773V
APPLICATIONS
s 1.25Gbps and 2.5Gbps Gigabit Ethernet
s 1.062Gbps and 2.125Gbps Fibre Channel
s 155Mbps, 622Gbps, 1.25Gbps, and 2.5Gbps SONET/
SDH
s Gigabit interface converter (GBIC)
s Small form factor (SFF) and small form factor
pluggable (SFP) transceivers
s Parallel 10G Ethernet
s High-gain line driver and line receiver
Rev.: C
Amendment: /0
Issue Date:
November 2005
Micro LeadFrame and MLF are trademarks of Amkor Technology
TYPICAL PERFORMANCE
3.3V, 25°C, 10mVpp Input
@3.2Gbps 2
31–1 PRBS, R
LOAD = 50Ω to VCC
TIME (50ps/div.)


Similar Part No. - SY88843V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88843V MICREL-SY88843V Datasheet
123Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88843V MICREL-SY88843V Datasheet
122Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL SD
SY88843VEY MICREL-SY88843VEY Datasheet
123Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88843VEYTR MICREL-SY88843VEYTR Datasheet
123Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88843VKI MICREL-SY88843VKI Datasheet
123Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
More results

Similar Description - SY88843V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88703V MICREL-SY88703V Datasheet
59Kb / 8P
3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88803V MICREL-SY88803V Datasheet
60Kb / 8P
3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88403BL MICREL-SY88403BL Datasheet
549Kb / 12P
3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88703V MICREL-SY88703V_06 Datasheet
59Kb / 8P
3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
SY88803V MICREL-SY88803V_03 Datasheet
68Kb / 8P
3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY84403BL MICREL-SY84403BL Datasheet
532Kb / 10P
Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY84403BL MICREL-SY84403BL Datasheet
413Kb / 10P
Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
logo
Microchip Technology
SY88403BL MICROCHIP-SY88403BL Datasheet
2Mb / 23P
3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
Revision A February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com