Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88843V Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88843V
Description  LOW-POWER LIMITING POST AMPLIFIER WITH TTL LOS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88843V Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88843V Datasheet HTML 1Page - Micrel Semiconductor SY88843V Datasheet HTML 2Page - Micrel Semiconductor SY88843V Datasheet HTML 3Page - Micrel Semiconductor SY88843V Datasheet HTML 4Page - Micrel Semiconductor SY88843V Datasheet HTML 5Page - Micrel Semiconductor SY88843V Datasheet HTML 6Page - Micrel Semiconductor SY88843V Datasheet HTML 7Page - Micrel Semiconductor SY88843V Datasheet HTML 8Page - Micrel Semiconductor SY88843V Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
SY88773V
Micrel, Inc.
M9999-110905
hbwhelp@micrel.com or (408) 955-1690
Pin Number
Pin Number
(MSOP)
(MLF™)
Pin Name
Type
Pin Function
1
15
/EN
TTL Input:
Enable: De-asserts true data output when high.
Default is high.
Incorporates 25k
Ω pull-up to VCC.
2, 3
1, 4
DIN, /DIN
Differential
Differential Data Input. Inputs must be biased to meet
Data Input
common-mode range.
4
6
REF
Reference Voltage: Bypass with 0.01
µF low ESR
capacitor from REF to VCC to stabilize LOSLVL and REF.
5
14
LOSLVL
Input:
Loss-of-Signal Level Set: A resistor from this pin to VCC
Default is
sets the threshold for the data input amplitude at which the
maximum sensitivity.
LOS output will be asserted.
6
2, 3, 10, 11
GND
Ground
Device Ground. Exposed pad must be soldered
Exposed Pad
Exposed Pad
(or equivalent) to the same potential as the ground pins.
7
7
LOS
Open Collector
Loss-of-Signal: Asserts high when the data input
TTL Output with
amplitude falls below the threshold set by LOSLVL.
internal 4.75k
pull-up resistor
8, 9
9, 12
DOUT, /DOUT
Differential
Differential Data Output.
CML Output
10
5, 8, 13, 16
VCC
Power Supply
Positive Power Supply. Bypass with 0.1
µF0.01µF low
ESR capacitors. 0.01
µF capacitors should be as close as
possible to VCC pins.
PIN DESCRIPTION
1
2
3
4
12
11
10
9
16 15 14 13
5678
DIN
GND
GND
/DIN
DOUT
GND
GND
/DOUT
16-Pin MLF (MLF-16)
1
/EN
DIN
/DIN
REF
LOSLVL
10 VCC
DOUT
/DOUT
LOS
GND
9
8
7
6
2
3
4
5
10-Pin EPAD-MSOP (K10-2)
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88773VKI
K10-2
Industrial
773V
Sn-Pb
SY88773VKITR(2)
K10-2
Industrial
773V
Sn-Pb
SY88773VMI
MLF-16
Industrial
773V
Sn-Pb
SY88773VMITR(2)
MLF-16
Industrial
773V
Sn-Pb
SY88773VEY(3)
K10-2
Industrial
773V with
Pb-Free
Pb-Free bar-line indicator
Matte-Sn
SY88773VEYTR(2, 3)
K10-2
Industrial
773V with
Pb-Free
Pb-Free bar-line indicator
Matte-Sn
SY88773VMG(3)
MLF-16
Industrial
773V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY88773VMGTR(2, 3)
MLF-16
Industrial
773V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com