Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88843V Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88843V
Description  LOW-POWER LIMITING POST AMPLIFIER WITH TTL LOS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88843V Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88843V Datasheet HTML 1Page - Micrel Semiconductor SY88843V Datasheet HTML 2Page - Micrel Semiconductor SY88843V Datasheet HTML 3Page - Micrel Semiconductor SY88843V Datasheet HTML 4Page - Micrel Semiconductor SY88843V Datasheet HTML 5Page - Micrel Semiconductor SY88843V Datasheet HTML 6Page - Micrel Semiconductor SY88843V Datasheet HTML 7Page - Micrel Semiconductor SY88843V Datasheet HTML 8Page - Micrel Semiconductor SY88843V Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
SY88773V
Micrel, Inc.
M9999-110905
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (V
CC) ....................................... 0V to +7.0V
/EN, LOSLVL Voltage ............................................ 0 to V
CC
REF Current ...............................................................
±1mA
LOS Current ...............................................................
±5mA
DOUT, /DOUT Current .............................................
±25mA
DIN, /DIN Current .....................................................
±10mA
Storage Temperature (T
S) ....................... –65°C to +150°C
Lead Temperature (soldering, 20 sec.) ................... +260
°C
Operating Ratings(2)
Supply Voltage (V
CC) .............................. +3.0V to +3.6V or
............................................................ +4.5V to +5.5V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Junction Temperature (T
J) ....................... –40°C to +120°C
Package Thermal Resistance(3)
MLF™
θ
JA (Still-Air) ..................................................... 61°C/W
ψ
JB ................................................................................... 38°C/W
EPAD-MSOP
θ
JA (Still-Air) ..................................................... 38°C/W
ψ
JB ................................................................................... 22°C/W
V
CC = 3.0V to 3.6V or 4.5V to 5.5V, TA = –40°C to +85°C; typical values at VCC = 3.3V, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
CC
Power Supply Current
3.3V, Note 4
28
42
mA
5V, Note 4
30
45
mA
Power Supply Current
3.3V, Note 5
45
62
mA
5V, Note 5
47
65
mA
V
REF
REF Voltage
V
CC–1.3
V
V
LOSLVL
LOSLVL Voltage Range
V
REF
V
CC
V
V
OH
DOUT, /DOUT HIGH Voltage
Note 6
V
CC–0.020
V
CC–0.005
V
CC
V
V
OL
DOUT, /DOUT LOW Voltage
3.3V, Note 6
V
CC–0.475
V
CC–0.400
V
CC–0.350
V
5V, Note 6
V
CC–0.510
V
CC–0.400
V
CC–0.350
V
V
OFFSET
Differential Output Offset
Note 6
±80
mV
Z
O
Single-Ended Output Impedance
40
50
60
V
IHCMR
Input Common Mode Range
Note 7
GND+2.15
V
CC
V
DC ELECTRICAL CHARACTERISTICS
V
CC = 3.0V to 3.6V or 4.5V to 5.5V, TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OH
LOS Output HIGH Level
Sourcing 100
µA
2.4
V
CC
V
V
OL
LOS Output LOW Level
Sinking 2mA
0.5
V
V
IH
/EN Input HIGH Voltage
2.0
V
V
IL
/EN Input LOW Voltage
0.8
V
I
IH
/EN Input HIGH Current
V
IN = 2.7V
20
µA
V
IN = VCC
100
µA
I
IL
/EN Input LOW Current
V
IN = 0.5V
–0.3
mA
Notes:
1. Permanent device damage may occur if Absolute Maximum Ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to Absolute Maximum Ratlng conditions for extended
periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Thermal performance assumes the use of 4-layer PCB. Exposed pad must be soldered (or equivalent) to the device's most negative potential on the
PCB.
4. Excludes current of CML output stage. See “Detailed Description.”
5. Total device current with no output load.
6. Output levels are based on a 50
Ω to V
CC load impedance. If the load impedance is different, the output level will be changed. Amplifier is in limiting
mode.
7. The V
IHCMR range is referenced to the most positive side of the differential input signal.
TTL DC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com