Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3202 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3202
Description  40-ns, microPOWER, Push-Pull Output Comparators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3202 Datasheet(HTML) 2 Page - Texas Instruments

  TLV3202 Datasheet HTML 1Page - Texas Instruments TLV3202 Datasheet HTML 2Page - Texas Instruments TLV3202 Datasheet HTML 3Page - Texas Instruments TLV3202 Datasheet HTML 4Page - Texas Instruments TLV3202 Datasheet HTML 5Page - Texas Instruments TLV3202 Datasheet HTML 6Page - Texas Instruments TLV3202 Datasheet HTML 7Page - Texas Instruments TLV3202 Datasheet HTML 8Page - Texas Instruments TLV3202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TLV3201
TLV3202
SBOS561A – MARCH 2012 – REVISED JUNE 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE ORDERING INFORMATION(1)
PACKAGE
PRODUCT
PACKAGE-LEAD(2)
DESIGNATOR
PACKAGE MARKING
ORDERING NUMBER
SOT23-5
DBV
RAI
TLV3201AIDBV
TLV3201
SC70-5
DCK
SDP
TLV3201AIDCK
SOIC-8
D
TL3202
TLV3202AID
TLV3202
MSOP-8
DGK
VUDC
TLV3202AIDGK
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and printed circuit board (PCB) design guidelines are
available at www.ti.com/sc/package.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
Supply voltage
7
V
Voltage(2)
–0.5 to (VCC) + 0.5
V
Signal input terminals
Current(2)
±10
mA
Output short circuit(3)
100
mA
Operating temperature range
–55 to +125
°C
Storage temperature range, Tstg
–65 to +150
°C
Junction temperature, TJ
+150
°C
Electrostatic discharge (ESD)
Human body model (HBM)
2000
V
ratings TLV3201
Electrostatic discharge (ESD)
Human body model (HBM)
1000
V
ratings TLV3202
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal.
(3)
Short-circuit to ground.
2
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com