Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3202 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3202
Description  40-ns, microPOWER, Push-Pull Output Comparators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3202 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV3202 Datasheet HTML 9Page - Texas Instruments TLV3202 Datasheet HTML 10Page - Texas Instruments TLV3202 Datasheet HTML 11Page - Texas Instruments TLV3202 Datasheet HTML 12Page - Texas Instruments TLV3202 Datasheet HTML 13Page - Texas Instruments TLV3202 Datasheet HTML 14Page - Texas Instruments TLV3202 Datasheet HTML 15Page - Texas Instruments TLV3202 Datasheet HTML 16Page - Texas Instruments TLV3202 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
+V
+5 V
CC
R
LOAD
V
O
R2
1 MW
V
REF
+2.5 V
V
A
5 V
0 V
1.675 V
3.325 V
V
IN2
V
IN
V
O High
+V
CC
V = V
A
REF
R2
R1
330 kW
V
IN
R1
V
O Low
V
IN1
V = V
A
REF
R1
R2
V
O
V
IN1
V
IN2
D
V
= V
IN
CC
´
R1
R2
V
=
IN2
V
REF
CC
(R1 + R2)
V
R1
-
´
R2
V
= R1
IN1
´
V
REF
R2
´
V
REF
TLV3201
TLV3202
www.ti.com
SBOS561A – MARCH 2012 – REVISED JUNE 2012
Noninverting Comparator with Hysteresis
A noninverting comparator with hysteresis requires a two-resistor network, as shown in Figure 29, and a voltage
reference (VREF) at the inverting input. When VIN is low, the output is also low. For the output to switch from low
to high, VIN must rise up to VIN1. VIN1 is calculated by Equation 4:
(4)
When VIN is high, the output is also high. In order for the comparator to switch back to a low state, VIN must
equal VREF before VA is again equal to VREF. VIN can be calculated by Equation 5:
(5)
The hysteresis of this circuit is the difference between VIN1 and VIN2, as defined by Equation 6.
(6)
Figure 29. TLV3201 in Noninverting Configuration with Hysteresis
CAPACITIVE LOADS
The TLV3201 and TLV3202 feature a push-pull output. When the output switches, there is a direct path between
VCC and ground, causing increased output sinking or sourcing current during the transition. Following the
transition the output current decreases and supply current returns to 40 µA, thus maintaining low power
consumption. Under reasonable capacitive loads, the TLV3201 and TLV3202 maintain specified propagation
delay (see the Typical Characteristics), but excessive capacitive loading under high switching frequencies may
increase supply current, propagation delay, or induce decreased slew rate.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLV3201 TLV3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com