Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3202 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3202
Description  40-ns, microPOWER, Push-Pull Output Comparators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3202 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV3202 Datasheet HTML 4Page - Texas Instruments TLV3202 Datasheet HTML 5Page - Texas Instruments TLV3202 Datasheet HTML 6Page - Texas Instruments TLV3202 Datasheet HTML 7Page - Texas Instruments TLV3202 Datasheet HTML 8Page - Texas Instruments TLV3202 Datasheet HTML 9Page - Texas Instruments TLV3202 Datasheet HTML 10Page - Texas Instruments TLV3202 Datasheet HTML 11Page - Texas Instruments TLV3202 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
20
40
60
80
100
120
140
160
180
200
220
−140
−120
−100
−80
−60
−40
−20
0
20
40
60
80
100
120
140
−3
−2.6
−2.1
−1.7
−1.3
−0.9
−0.4
0
0.4
0.9
1.3
1.7
2.1
2.6
3
Time (ns)
Output: VOD = 20 mV
Input: VOD = 20 mV
Output: VOD = 100 mV
Input: VOD = 100 mV
G000
20
40
60
80
100 120 140 160 180 200 220 240
−140
−120
−100
−80
−60
−40
−20
0
20
40
60
80
100
120
140
−3
−2.6
−2.1
−1.7
−1.3
−0.9
−0.4
0
0.4
0.9
1.3
1.7
2.1
2.6
3
Time (ns)
Output: VOD = 20 mV
Input: VOD = 20 mV
Output: VOD = 100 mV
Input: VOD = 100 mV
G019
−2.8
−2.4
−2
−1.6
−1.2
−0.8
−0.4
0
0.4
0.8
1.2
1.6
2
2.4
2.8
0
5
10
15
20
Output Current (mA)
−40°C
25°C
75°C
125°C
VCC = 2.7 V
Sinking Current
Sourcing Current
G015
−5.9
−4.7
−3.5
−2.3
−1.1
0.1
1.3
2.5
3.7
4.9
5.9
0
10
20
30
40
50
60
Output Current (mA)
−40°C
25°C
75°C
125°C
VCC = 5.5 V
Sinking Current
Sourcing Current
G017
10
20
30
40
50
60
70
80
90
−40
−15
10
35
60
85
110 125
Temperature (°C)
ISC, Source: VCC = 5 V
ISC, Sink: VCC = 5 V
ISC, Sink: VCC = 2.7 V
ISC, Source: VCC = 2.7 V
G014
TLV3201
TLV3202
SBOS561A – MARCH 2012 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCC = +5 V, and input overdrive (VOD) = 20 mV, unless otherwise noted.
QUIESCENT CURRENT vs SWITCHING FREQUENCY
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Figure 13.
Figure 14.
OUTPUT VOLTAGE vs OUTPUT CURRENT
OUTPUT VOLTAGE vs OUTPUT CURRENT
Figure 15.
Figure 16.
PROPAGATION DELAY FALLING EDGE
PROPAGATION DELAY RISING EDGE
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TLV3201 TLV3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com