Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3202 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3202
Description  40-ns, microPOWER, Push-Pull Output Comparators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3202 Datasheet(HTML) 3 Page - Texas Instruments

  TLV3202 Datasheet HTML 1Page - Texas Instruments TLV3202 Datasheet HTML 2Page - Texas Instruments TLV3202 Datasheet HTML 3Page - Texas Instruments TLV3202 Datasheet HTML 4Page - Texas Instruments TLV3202 Datasheet HTML 5Page - Texas Instruments TLV3202 Datasheet HTML 6Page - Texas Instruments TLV3202 Datasheet HTML 7Page - Texas Instruments TLV3202 Datasheet HTML 8Page - Texas Instruments TLV3202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TLV3201
TLV3202
www.ti.com
SBOS561A – MARCH 2012 – REVISED JUNE 2012
ELECTRICAL CHARACTERISTICS: VCC = 5.0 V
At TA = +25°C and VCC = 5.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VCM = VCC / 2
1
5
mV
VIO
Input offset voltage
TA = –40°C to +125°C
6
mV
dVOS/dT
Input offset voltage drift
TA = –40°C to +125°C
1
10
μV/°C
PSRR
Power-supply rejection ratio
VCM = VCC / 2, VCC = 2.5 V to 5.5 V
65
85
dB
Input hysteresis
1.2
mV
INPUT BIAS CURRENT
VCM = VCC / 2
1
50
pA
IIB
Input bias current
TA = –40°C to +125°C
5
nA
VCM = VCC / 2
1
50
pA
IIO
Input offset current
TA = –40°C to +125°C
2.5
nA
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
TA = –40°C to +125°C
(VEE) – 0.2
(VCC) + 0.2
V
CMRR
Common-mode rejection ratio
–0.2 V < VCM < 5.2 V
60
70
dB
INPUT IMPEDANCE
Common-mode
Ω || pF
1013 || 2
Differential
Ω || pF
1013 || 4
SWITCHING CHARACTERISTICS
Input overdrive = 20 mV, CL = 15 pF
47
50
ns
Low to high
Input overdrive = 100 mV, CL = 15 pF
43
50
ns
TA = –40°C to +125°C
55
ns
tpd
Propagation delay time
Input overdrive = 20 mV, CL = 15 pF
45
50
ns
High to low
Input overdrive = 100 mV, CL = 15 pF
42
50
ns
TA = –40°C to +125°C
55
ns
Propagation delay skew
Input overdrive = 20mV, CL = 15 pF
2
ns
Propagation delay
High to low, Low
Input overdrive = 20 mV, CL = 15 pF
5
ns
matching (TLV3202)
to High
tr
Rise time
10% to 90%
2.9
ns
tf
Fall time
10% to 90%
3.7
ns
OUTPUT
ISINK = 4 mA
175
190
mV
VOL
From lower rail
TA = –40°C to +125°C
225
mV
Voltage output swing
ISOURCE = 4 mA
120
140
mV
VOH
From upper rail
TA = –40°C to +125°C
170
mV
ISC sinking
40
48
mA
See Typical
TA = –40°C to +125°C
mA
Curve
ISC
Short-circuit current (per comparator)
ISC sourcing
52
60
mA
See Typical
TA = –40°C to +125°C
mA
Curve
POWER SUPPLY
VCC
Specified voltage
2.7
5.5
V
40
50
μA
IQ
Quiescent current
TA = –40°C to +125°C
65
μA
TEMPERATURE
Specified range
–40
+125
°C
Storage range
–65
+150
°C
Copyright © 2012, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com