Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KB Datasheet(PDF) 16 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 16 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 12Page - Intel Corporation 80960KB Datasheet HTML 13Page - Intel Corporation 80960KB Datasheet HTML 14Page - Intel Corporation 80960KB Datasheet HTML 15Page - Intel Corporation 80960KB Datasheet HTML 16Page - Intel Corporation 80960KB Datasheet HTML 17Page - Intel Corporation 80960KB Datasheet HTML 18Page - Intel Corporation 80960KB Datasheet HTML 19Page - Intel Corporation 80960KB Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
80960KB
10
FAILURE
O
O.D.
INITIALIZATION FAILURE indicates that the processor did not initialize correctly.
After RESET deasserts and before the first bus transaction begins, FAILURE
asserts while the processor performs a self-test. If the self-test completes
successfully, then FAILURE deasserts. The processor then performs a zero
checksum on the first eight words of memory. If it fails, FAILURE asserts for a
second time and remains asserted. If it passes, system initialization continues
and FAILURE remains deasserted.
IAC/INT0
I
INTERAGENT COMMUNICATION REQUEST/INTERRUPT 0 indicates an IAC
message or an interrupt is pending. The bus interrupt control register determines
how the signal is interpreted. To signal an interrupt or IAC request in a
synchronous system, this pin — as well as the other interrupt pins — must be
enabled by being deasserted for at least one bus cycle and then asserted for at
least one additional bus cycle. In an asynchronous system the pin must remain
deasserted for at least two bus cycles and then asserted for at least two more bus
cycles.
During system reset, this signal must be in the logic high condition to enable
normal processor operation. The logic low condition is reserved.
INT1
I
INTERRUPT 1, like INT0, provides direct interrupt signaling.
INT2/INTR
I
INTERRUPT2/INTERRUPT REQUEST: The interrupt control register determines
how this pin is interpreted. If INT2, it has the same interpretation as the INT0 and
INT1 pins. If INTR, it is used to receive an interrupt request from an external
interrupt controller.
INT3/INTA
I/O
O.D.
INTERRUPT3/INTERRUPT ACKNOWLEDGE: The bus interrupt control register
determines how this pin is interpreted. If INT3, it has the same interpretation as
the INT0, INT1 and INT2 pins. If INTA, it is used as an output to control
interrupt-acknowledge transactions. The INTA output is latched on-chip and
remains valid during Td cycles; as an output, it is open-drain.
N.C.
N/A
NOT CONNECTED indicates pins should not be connected. Never connect any
pin marked N.C. as these pins may be reserved for factory use.
Table 5. 80960KB Pin Description: Support Signals (Sheet 2 of 2)
NAME
TYPE
DESCRIPTION
I/O = Input/Output, O = Output, I = Input, O.D. = Open Drain, T.S. = Three-state
2.0
ELECTRICAL SPECIFICATIONS
2.1
Power and Grounding
The
80960KB
is
implemented
in
CHMOS
IV
technology and therefore has modest power require-
ments. Its high clock frequency and numerous
output buffers (address/data, control, error and
arbitration signals) can cause power surges as
multiple output buffers simultaneously drive new
signal levels. For clean on-chip power distribution,
VCC and VSS pins separately feed the device’s
functional units. Power and ground connections
must be made to all 80960KB power and ground
pins. On the circuit board, all Vcc pins must be
strapped closely together, preferably on a power
plane; all Vss pins should be strapped together,
preferably on a ground plane.
2.2
Power Decoupling
Recommendations
Place a liberal amount of decoupling capacitance
near the 80960KB. When driving the L-bus the
processor can cause transient power surges, partic-
ularly when connected to a large capacitive load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com