Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KB Datasheet(PDF) 27 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 27 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 23Page - Intel Corporation 80960KB Datasheet HTML 24Page - Intel Corporation 80960KB Datasheet HTML 25Page - Intel Corporation 80960KB Datasheet HTML 26Page - Intel Corporation 80960KB Datasheet HTML 27Page - Intel Corporation 80960KB Datasheet HTML 28Page - Intel Corporation 80960KB Datasheet HTML 29Page - Intel Corporation 80960KB Datasheet HTML 30Page - Intel Corporation 80960KB Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
21
80960KB
3.0
MECHANICAL DATA
3.1
Packaging
The 80960KB is available in two package types:
• 132-lead ceramic pin-grid array (PGA). Pins are
arranged 0.100 inch (2.54 mm) center-to-center, in
a 14 by 14 matrix, three rows around (see Figure
17).
• 132-lead plastic quad flat pack (PQFP). This
package uses fine-pitch gull wing leads arranged
in a single row along the package perimeter with
0.025 inch (0.64 mm) spacing (see Figure 20).
Dimensions for both package types are given in the
Intel
Packaging handbook (Order #240800).
3.1.1
Pin Assignment
The PGA and PQFP have different pin assignments.
Figure 18 shows the view from the PGA bottom (pins
facing up) and Figure 19 shows a view from the PGA
top (pins facing down). Figure 20 shows the PQFP
package; Figure 21 shows the PQFP pinout with
signal names. Notice that the pins are numbered in
order from 1 to 132 around the package perimeter.
Table 10 and Table 11 list the function of each PGA
pin; Table 12 and Table 13 list the function of each
PQFP pin.
Figure 17. 132-Lead Pin-Grid Array (PGA) Package
1
2
3
A
BCD
E
F G
H
J
K
L M
N
P
4
5
6
7
8
9
10
11
12
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com