Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KB Datasheet(PDF) 1 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 1 Page - Intel Corporation

  80960KB Datasheet HTML 1Page - Intel Corporation 80960KB Datasheet HTML 2Page - Intel Corporation 80960KB Datasheet HTML 3Page - Intel Corporation 80960KB Datasheet HTML 4Page - Intel Corporation 80960KB Datasheet HTML 5Page - Intel Corporation 80960KB Datasheet HTML 6Page - Intel Corporation 80960KB Datasheet HTML 7Page - Intel Corporation 80960KB Datasheet HTML 8Page - Intel Corporation 80960KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
© INTEL CORPORATION, 2004
August, 2004
Order Number: 270565-008
80960KB
80960KB
EMBEDDED 32-BIT MICROPROCESSOR
WITH INTEGRATED FLOATING-POINT UNIT
Figure 1. The 80960KB Processor’s Highly Parallel Architecture
s High-Performance Embedded
Architecture
— 25 MIPS Burst Execution at 25 MHz
— 9.4 MIPS* Sustained Execution at
25 MHz
s 512-Byte On-Chip Instruction Cache
— Direct Mapped
— Parallel Load/Decode for Uncached
Instructions
s Multiple Register Sets
— Sixteen Global 32-Bit Registers
— Sixteen Local 32-Bit Registers
— Four Local Register Sets Stored
On-Chip
— Register Scoreboarding
s 4 Gigabyte, Linear Address Space
s Pin Compatible with 80960KA
s Built-in Interrupt Controller
— 31 Priority Levels, 256 Vectors
— 3.4 µs Latency @ 25 MHz
s Easy to Use, High Bandwidth 32-Bit Bus
— 66.7 Mbytes/s Burst
— Up to 16 Bytes Transferred per Burst
s 132-Lead Packages:
— Pin Grid Array (PGA)
— Plastic Quad Flat-Pack (PQFP)
s On-Chip Floating Point Unit
— Supports IEEE 754 Floating Point
Standard
— Four 80-Bit Registers
— 13.6 Million Whetstones/s (Single
Precision) at 25 MHz
SIXTEEN
32-BIT GLOBAL
REGISTERS
64- BY 32-BIT
LOCAL
REGISTER
CACHE
32-BIT
INSTRUCTION
EXECUTION
UNIT
INSTRUCTION
FETCH UNIT
512-BYTE
INSTRUCTION
CACHE
INSTRUCTION
DECODER
MICRO-
INSTRUCTION
SEQUENCER
MICRO-
INSTRUCTION
ROM
32-BIT
BUS CONTROL
LOGIC
32-BIT
BURST
BUS
FOUR
80-BIT FP
REGISTERS
80-BIT
FPU


Similar Part No. - 80960KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960KB INTEL-80960KB Datasheet
418Kb / 39P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
80960KB INTEL-80960KB Datasheet
2Mb / 44P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
More results

Similar Description - 80960KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960JA INTEL-80960JA Datasheet
1Mb / 63P
EMBEDDED 32-BIT MICROPROCESSOR
80960JD INTEL-80960JD Datasheet
2Mb / 61P
EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
EMBEDDED 32-BIT MICROPROCESSOR
80960KB INTEL-80960KB Datasheet
418Kb / 39P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
80960MC INTEL-80960MC Datasheet
406Kb / 39P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
EMBEDDED 32-BIT MICROPROCESSOR
logo
Analog Devices
ADSP-21020 AD-ADSP-21020 Datasheet
422Kb / 32P
32/40-Bit IEEE Floating-Point DSP Microprocessor
REV. C
logo
Intel Corporation
A80960KB25 INTEL-A80960KB25 Datasheet
2Mb / 44P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
EMBEDDED 32-BIT MICROPROCESSOR
logo
Microchip Technology
PIC32MZ MICROCHIP-PIC32MZ Datasheet
829Kb / 30P
PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com