Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR0010 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TR0010
Description  NPN (VREF) TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0010 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TR0010 Datasheet HTML 1Page - Solid States Devices, Inc TR0010 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4
1
2
3
PRELIMINARY
SOLID STATE DEVICES, INC.
SPT165
FEATURES:
DATA SHEET #: TR0010A
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
VEBO
3
Volts
Emitter-Base Voltage
VCBO
45
Volts
Collector-Base Voltage
IC
10
Collector Current, T
C #150
oC
Collector-Emitter Voltage
VCEO
45
mAmps
Volts
oC
mW
mW/oC
oC/W
•BVCEO 45V.
• Very Low Leakage.
• High Gain.
• Stable Reference Voltage 0.002%/ oC from 0 to 70oC.
• Isolated Case.
• Hermetic, Metal Case with Glass Seals.
• 150oC Operating Temperature.
TO-33
CASE OUTLINE: TO-33
10 mA
45 VOLTS
NPN (VREF) TRANSISTOR
Operating and Storage Temperature
TJ, TSTG
-55 to +150
250
2
Thermal Resistance, Junction to Case
R2JC
500
Total Device Dissipation @ TA = 25
oC
Derate above 25oC
PD
IB, IZ
6
Base or Zener Current, T
C #150
oC
mAmps
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773


Similar Part No. - TR0010

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TR0010A TAI-SAW-TR0010A Datasheet
349Kb / 7P
DR Filter 5250MHz 160MHz BW
logo
Solid States Devices, I...
TR0010 SSDI-TR0010_15 Datasheet
45Kb / 2P
NPN TRANSISTOR
More results

Similar Description - TR0010

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Solid States Devices, I...
SPT165 SSDI-SPT165 Datasheet
44Kb / 2P
10 mA 45 VOLTS NPN (VREF) TRANSISTOR
logo
Microchip Technology
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
logo
Texas Instruments
REF1925 TI-REF1925_15 Datasheet
2Mb / 31P
REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REF2025 TI-REF2025_15 Datasheet
2Mb / 32P
REF20xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REF2025 TI1-REF2025_18 Datasheet
2Mb / 33P
Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REF20-Q1 TI-REF20-Q1 Datasheet
3Mb / 34P
REF20xx-Q1 Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
DECEMBER 2021
logo
Microsemi Corporation
LX13049 MICROSEMI-LX13049 Datasheet
204Kb / 7P
VREF @ 800mV, 1.25A, 1.0MHZ PWM
Rev. 1.1, 5/2/2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com