Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803 Datasheet(PDF) 20 Page - Texas Instruments

Part # ADC0803
Description  8-Bit 關P Compatible A/D Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0803 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC0803 Datasheet HTML 16Page - Texas Instruments ADC0803 Datasheet HTML 17Page - Texas Instruments ADC0803 Datasheet HTML 18Page - Texas Instruments ADC0803 Datasheet HTML 19Page - Texas Instruments ADC0803 Datasheet HTML 20Page - Texas Instruments ADC0803 Datasheet HTML 21Page - Texas Instruments ADC0803 Datasheet HTML 22Page - Texas Instruments ADC0803 Datasheet HTML 23Page - Texas Instruments ADC0803 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
www.ti.com
Digital Control Inputs
The digital control inputs (CS, RD, and WR) meet standard T2L logic voltage levels. These signals have been
renamed when compared to the standard A/D Start and Output Enable labels. In addition, these inputs are active
low to allow an easy interface to microprocessor control busses. For non-microprocessor based applications, the
CS input (pin 1) can be grounded and the standard A/D Start function is obtained by an active low pulse applied
at the WR input (pin 3) and the Output Enable function is caused by an active low pull at the RD input (pin 2).
Analog Differential Voltage Inputs and Common-Mode Rejection
This A/D has additional applications flexibility due to the analog differential voltage input. The VIN(−) input (pin 7)
can be used to automatically subtract a fixed voltage value from the input reading (tare correction). This is also
useful in 4 mA–20 mA current loop conversion. In addition, common-mode noise can be reduced by use of the
differential input.
The time interval between sampling VIN(+) and VIN(−) is 4-1/2 clock periods. The maximum error voltage due to
this slight time difference between the input voltage samples is given by:
(1)
Where:
∆Ve is the error voltage due to sampling delay
VP is the peak value of the common-mode voltage
fcm is the common-mode frequency
As an example, to keep this error to 1/4 LSB (
∼5 mV) when operating with a 60 Hz common-mode frequency,
fcm, and using a 640 kHz A/D clock, fCLK, would allow a peak value of the common-mode voltage, VP, which is
given by:
(2)
or
(3)
which gives VP–1.9 V.
The allowed range of analog input voltages usually places more severe restrictions on input common-mode noise
levels.
An analog input voltage with a reduced span and a relatively large zero offset can be handled easily by making
use of the differential input (see Reference Voltage).
Analog Inputs — Input Current
Normal Mode
Due to the internal switching action, displacement currents will flow at the analog inputs. This is due to on-chip
stray capacitance to ground as shown in Figure 49.
20
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com