Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC0803
Description  8-Bit 關P Compatible A/D Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0803 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC0803 Datasheet HTML 7Page - Texas Instruments ADC0803 Datasheet HTML 8Page - Texas Instruments ADC0803 Datasheet HTML 9Page - Texas Instruments ADC0803 Datasheet HTML 10Page - Texas Instruments ADC0803 Datasheet HTML 11Page - Texas Instruments ADC0803 Datasheet HTML 12Page - Texas Instruments ADC0803 Datasheet HTML 13Page - Texas Instruments ADC0803 Datasheet HTML 14Page - Texas Instruments ADC0803 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
J
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
TYPICAL APPLICATIONS (continued)
*After power-up, a momentary grounding of the WR input is needed to
ensure operation.
Figure 22. Self-Clocking in Free-Running Mode
Figure 23. µP Interface for Free-Running A/D
100 kHz
≤ fCLK ≤ 1460 kHz
*VIN(−) = 0.15 VCC
15% of VCC ≤ VXDR ≤ 85% of VCC
Figure 24. External clocking
Figure 25. Operating with “Automotive” Ratiometric
Transducers
Figure 26. Ratiometric with VREF/2 Forced
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com