Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803 Datasheet(PDF) 27 Page - Texas Instruments

Part # ADC0803
Description  8-Bit 關P Compatible A/D Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0803 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADC0803 Datasheet HTML 23Page - Texas Instruments ADC0803 Datasheet HTML 24Page - Texas Instruments ADC0803 Datasheet HTML 25Page - Texas Instruments ADC0803 Datasheet HTML 26Page - Texas Instruments ADC0803 Datasheet HTML 27Page - Texas Instruments ADC0803 Datasheet HTML 28Page - Texas Instruments ADC0803 Datasheet HTML 29Page - Texas Instruments ADC0803 Datasheet HTML 30Page - Texas Instruments ADC0803 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
Figure 53. Basic A/D Tester
For a higher speed test system, or to obtain plotted data, a digital-to-analog converter is needed for the test set-
up. An accurate 10-bit DAC can serve as the precision voltage source for the A/D. Errors of the A/D under test
can be expressed as either analog voltages or differences in 2 digital words.
A basic A/D tester that uses a DAC and provides the error as an analog output voltage is shown in Figure 52.
The 2 op amps can be eliminated if a lab DVM with a numerical subtraction feature is available to read the
difference voltage, "A–C", directly. The analog input voltage can be supplied by a low frequency ramp generator
and an X-Y plotter can be used to provide analog error (Y axis) versus analog input (X axis).
For operation with a microprocessor or a computer-based test system, it is more convenient to present the errors
digitally. This can be done with the circuit of Figure 55, where the output code transitions can be detected as the
10-bit DAC is incremented. This provides 1
⁄4 LSB steps for the 8-bit A/D under test. If the results of this test are
automatically plotted with the analog input on the X axis and the error (in LSB’s) as the Y axis, a useful transfer
function of the A/D under test results. For acceptance testing, the plot is not necessary and the testing speed can
be increased by establishing internal limits on the allowed error for each code.
MICROPROCESSOR INTERFACING
To dicuss the interface with 8080A and 6800 microprocessors, a common sample subroutine structure is used.
The microprocessor starts the A/D, reads and stores the results of 16 successive conversions, then returns to the
user’s program. The 16 data bytes are stored in 16 successive memory locations. All Data and Addresses will be
given in hexadecimal form. Software and hardware details are pro- vided separately for each type of
microprocessor.
Interfacing 8080 Microprocessor Derivatives (8048, 8085)
This converter has been designed to directly interface with derivatives of the 8080 microprocessor. The A/D can
be mapped into memory space (using standard memory address decoding for CS and the MEMR and MEMW
strobes) or it can be controlled as an I/O device by using the I/O R and I/O W strobes and decoding the address
bits A0
→ A7 (or address bits A8 → A15 as they will contain the same 8-bit address information) to obtain the
CS input. Using the I/O space provides 256 additional addresses and may allow a simpler 8-bit address decoder
but the data can only be input to the accumulator. To make use of the additional memory reference instructions,
the A/D should be mapped into memory space. An example of an A/D in I/O space is shown in Figure 56.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com