Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC0803
Description  8-Bit 關P Compatible A/D Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0803 Datasheet(HTML) 1 Page - Texas Instruments

  ADC0803 Datasheet HTML 1Page - Texas Instruments ADC0803 Datasheet HTML 2Page - Texas Instruments ADC0803 Datasheet HTML 3Page - Texas Instruments ADC0803 Datasheet HTML 4Page - Texas Instruments ADC0803 Datasheet HTML 5Page - Texas Instruments ADC0803 Datasheet HTML 6Page - Texas Instruments ADC0803 Datasheet HTML 7Page - Texas Instruments ADC0803 Datasheet HTML 8Page - Texas Instruments ADC0803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
8-Bit µP Compatible A/D Converters
Check for Samples: ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
1
FEATURES
DESCRIPTION
The ADC0801, ADC0802, ADC0803, ADC0804 and
•
Compatible with 8080 µP derivatives – no
ADC0805 are CMOS 8-bit successive approximation
interfacing logic needed – access time 135 ns
A/D converters that use a differential potentiometric
•
Easy interface to all microprocessors, or
ladder — similar to the 256R products. These
operates “stand alone”
converters are designed to allow operation with the
NSC800 and INS8080A derivative control bus with
•
Differential analog voltage inputs
TRI-STATE output latches directly driving the data
•
Logic inputs and outputs meet both MOS and
bus. These A/Ds appear like memory locations or I/O
TTL voltage level specifications
ports to the microprocessor and no interfacing logic is
•
Works with 2.5V (LM336) voltage reference
needed.
•
On-chip clock generator
Differential analog voltage inputs allow increasing the
•
0V to 5V analog input voltage range with
common-mode rejection and offsetting the analog
single 5V supply
zero input voltage value. In addition, the voltage
reference input can be adjusted to allow encoding
•
No zero adjust required
any smaller analog voltage span to the full 8 bits of
•
0.3" standard width 20-pin DIP package
resolution.
•
20-pin molded chip carrier or small outline
package
CONNECTION DIAGRAM
•
Operates ratiometrically or with 5 VDC, 2.5 VDC,
or analog span adjusted voltage reference
ADC080X
Dual-In-Line and Small Outline (SO) Packages
See Ordering Information
KEY SPECIFICATIONS
•
Resolution: 8 Bits
•
Total error: ±1/4 LSB, ±1/2 LSB and ±1 LSB
•
Conversion Time: 100 µs
Table 1. ORDERING INFORMATION
TEMP RANGE
0°C TO 70°C
0°C to 70°C
−40°C TO +85°C
±1/4 Bit Adjusted
ADC0801LCN
ERROR
±1/2 Bit Unadjusted
ADC0802LCWM
ADC0802LCN
±1/2 Bit Adjusted
ADC0803LCN
±1Bit Unadjusted
ADC0804LCWM
ADC0804LCN
ADC0805LCN/ADC0804LCJ
PACKAGE OUTLINE
M20B — Small Outline
N20A — Molded DIP
Z-80® is a registered trademark of Zilog Corp.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC0803

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0803 NSC-ADC0803 Datasheet
1Mb / 41P
8-Bit uP Compatible A/D Converters
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
logo
Intersil Corporation
ADC0803 INTERSIL-ADC0803 Datasheet
250Kb / 16P
8-Bit, Microprocessor- Compatible, A/D Converters
August 1997
ADC0803 INTERSIL-ADC0803 Datasheet
580Kb / 17P
8-Bit, Microprocessor-Compatible, A/D Converters
August 2002
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
More results

Similar Description - ADC0803

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX160 MAXIM-MAX160 Datasheet
462Kb / 12P
關P Compatible 8 Bit A/D Converter
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
DAC0830 TI-DAC0830 Datasheet
1Mb / 29P
DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
INS8292N TI-INS8292N Datasheet
510Kb / 18P
ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0844 TI1-ADC0844_14 Datasheet
2Mb / 25P
ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
8-Bit 關P Compatible A/D Converters with Multiplexer Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com