Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8506C Datasheet(PDF) 13 Page - ams AG

Part # AS8506C
Description  Battery Cell Monitor and Balancer IC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506C Datasheet(HTML) 13 Page - ams AG

Back Button AS8506C Datasheet HTML 9Page - ams AG AS8506C Datasheet HTML 10Page - ams AG AS8506C Datasheet HTML 11Page - ams AG AS8506C Datasheet HTML 12Page - ams AG AS8506C Datasheet HTML 13Page - ams AG AS8506C Datasheet HTML 14Page - ams AG AS8506C Datasheet HTML 15Page - ams AG AS8506C Datasheet HTML 16Page - ams AG AS8506C Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
ams Datasheet: 2014-Jun-23 [v1-00]
AS8506C – 13
El ec trical Charac t e ristics
High-precision Bandgap Reference
-40ºC < TJ < 115ºC; all voltages are with respect to ground
(GND).
Figure 9:
Bandgap Reference Parameters
Note(s) and/or Footnote(s):
1. This bandgap output is the reference for the V5V (LDO) regulator.
Digital to Analog Converter
-40ºC < TJ < 115ºC; all voltages are with respect to ground
(GND).
Figure 10:
Digital to Analog Converter
Symbol
Parameter
Min
Typ
Max
Unit
Note
BG_Out
Reference output after
trim
1.2
1.235
1.27
V
After temperature trim
BG_out_Tvar
Reference variation with
respect to Temperature
±2.5
±4
mV
After trim on the absolute
PSRR1K
PSRR at 1KHz
20
dB
No production test
PSRRDC
PSRR at DC
80
dB
Symbol
Parameter
Min
Typ
Max
Unit
Note
VSUP_DAC
Input supply voltage
4.75
5
5.25
V
LDO output as supply
VINREF
Input reference voltage
4.485
4.5
4.515
V
After absolute trim at 0
hours, specification
does not include solder
stress/board stress
effects
DIN
Resolution
12
bits
Guaranteed by design
FDAC
Update rate
10
KHz
No production test
TSETT_DAC
Settling time
50
μs
DACINL
INL
±4
LSB
DACDNL
DNL
±0.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com