Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8506C Datasheet(PDF) 2 Page - ams AG

Part # AS8506C
Description  Battery Cell Monitor and Balancer IC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506C Datasheet(HTML) 2 Page - ams AG

  AS8506C Datasheet HTML 1Page - ams AG AS8506C Datasheet HTML 2Page - ams AG AS8506C Datasheet HTML 3Page - ams AG AS8506C Datasheet HTML 4Page - ams AG AS8506C Datasheet HTML 5Page - ams AG AS8506C Datasheet HTML 6Page - ams AG AS8506C Datasheet HTML 7Page - ams AG AS8506C Datasheet HTML 8Page - ams AG AS8506C Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 94 page
background image
AS8506C – 2
ams Datasheet: 2014-Jun-23 [v1-00]
G e n e ral D e sc rip t ion
Key Benefits & Features
The benefits and features of AS8506C, Battery Cell Monitor and
Balancer IC are listed below:
Figure 1:
Added Value of using AS8506C
Applications
The applications of AS8506C include:
• The AS8506C is ideal for simultaneous cell monitoring and
cell balancing in stacked energy storage systems. Current
levels in the 100 mA range enables to compensate
accumulative SOC mismatch over the entire cell pack.
• Typical applications are
- Li-Ion batteries up to 200 cells,
- Energy storage systems to buffer energy from PV
panels or for emergency power supplies,
- Battery management for e-scooters and e-bikes,
Benefits
Features
Reduce filter / synchronization effort. Acquired data
have same time stamp to inherently generate
accurate comparison results independent from load
transients.
Simultaneous cell voltage capture for safe operating
area (SOA) monitoring and balancing.
Strongly reduces data communication and data
processing and thereby improves EMC robustness.
Autonomous balancing and SOA monitoring.
To compensate accumulative charge differences
only. This mitigates cases of occasional wrong
balance decisions due to flat OCV characteristic or
mismatch in cell temperature
Autonomous passive balancing in the 100 mA range
Intrinsic inter module balancing through charge
redistribution, efficiency improvement in case of
leakage path due to defect induced leakage in
particular cells.
Option for active charge balancing with very few
external components.
For OCV capture, cell impedance calculation,
diagnosis
Absolute cell voltage read out, read out of two
temperature sensors.
Small form factor, low BOM
40-pin MLF (6x6) package, very low number of external
components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com