Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8506C Datasheet(PDF) 21 Page - ams AG

Part # AS8506C
Description  Battery Cell Monitor and Balancer IC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506C Datasheet(HTML) 21 Page - ams AG

Back Button AS8506C Datasheet HTML 17Page - ams AG AS8506C Datasheet HTML 18Page - ams AG AS8506C Datasheet HTML 19Page - ams AG AS8506C Datasheet HTML 20Page - ams AG AS8506C Datasheet HTML 21Page - ams AG AS8506C Datasheet HTML 22Page - ams AG AS8506C Datasheet HTML 23Page - ams AG AS8506C Datasheet HTML 24Page - ams AG AS8506C Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
ams Datasheet: 2014-Jun-23 [v1-00]
AS8506C – 21
El ec trical Charac t e ristics
CVT_NOK_OUT
OUTPUT
Buffer
VOH
High level
output voltage
2.4
V
VOL
Low level
output voltage
0.4
V
VSUP ≥ 6V
IO
Output drive
current
2mA
BD_OUT
OUTPUT
Buffer
VOH
High level
output voltage
2.4
V
VOL
Low level
output voltage
0.4
V
VSUP ≥ 6V
IO
Output drive
current
1mA
TRIG_OUT, CLK_OUT
OUTPUT
Buffer
VOH
High level
output voltage
2.4
V
VOL
Low level
output voltage
0.4
V
VSUP ≥ 6V
IO
Output drive
current
4mA
FD_OUT
OUTPUT
Buffer
VOH
High level input
voltage
2.4
V
VOL
Low level input
voltage
0.4
V
VSUP ≥ 6V
IO
Output drive
current
24
mA
MS_SL
INPUT Buffer
VIH
High level input
voltage
VSUP
V
High voltage input
pad
VIL
Low level input
voltage
0.3*V5V
V
CLK_IN, TRIG_IN
INPUT
Schmitt
Trigger
Vt-
High level input
voltage
1.62
2.22
V
Vt+
Low level input
voltage
2.27
0.3*V5V
V
Port Type
Symbol
Parameter
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com