Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8506C Datasheet(PDF) 39 Page - ams AG

Part # AS8506C
Description  Battery Cell Monitor and Balancer IC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8506C Datasheet(HTML) 39 Page - ams AG

Back Button AS8506C Datasheet HTML 35Page - ams AG AS8506C Datasheet HTML 36Page - ams AG AS8506C Datasheet HTML 37Page - ams AG AS8506C Datasheet HTML 38Page - ams AG AS8506C Datasheet HTML 39Page - ams AG AS8506C Datasheet HTML 40Page - ams AG AS8506C Datasheet HTML 41Page - ams AG AS8506C Datasheet HTML 42Page - ams AG AS8506C Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
ams Datasheet: 2014-Jun-23 [v1-00]
AS8506C – 39
Devic e I n te r f ac e
A 4-wire SPI is used to communicate with the device. Pins CS,
SCLK, SDI, and SDO are used for SPI interface.
Serial Peripheral Interface
The Serial Peripheral Interface (SPI) provides the
communication link with the microcontroller. The SPI is
configured for half-duplex data transfer. The SPI in AS8506C
provides access to the status registers, control registers and test
registers. The SPI is also used to enter into test and OTP modes.
This interface is only Slave interface and only Master can initiate
the SPI operation. The SPI also supports block data transfer
where sequential register data can be accessed with single SPI
command.
The SPI can work on both the clock polarities. The polarity of
the clock is dependent on the value of SCLK at the falling edge
of CS.
At the falling edge of CS,
• If SCLK is “1”, then the SPI is negative edge triggered.
• If the SCLK is “0”, then SPI is positive edge triggered logic.
see Figure 30 for more details.
Figure 30:
SPI Clock Polarity Table
CS
SCLK
Description
↓
Low
Serial data is transferred at rising edge and sampled at falling edge of SCLK.
↓
High
Serial data is transferred at falling edge and sampled at rising edge of SCLK.
Device Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com