Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5PD2041B Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5PD2041B
Description  70m Current-Limited, Power-Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2041B Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5PD2041B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-07-0009
PT0317-5
07/31/13
4
PI5PD2041B/51B
70mΩ Current-Limited,
Power-Distribution Switches
Typical Performance and Characteristics
1.
Turn On Delay and Rise Time
PI5PD2041B
RL=5Ω, CL=1µF, TA=25℃
PI5PD2041B
RL=5Ω, CL=1µF, TA=25℃
PI5PD2041B
RL=5Ω, CL=100µF, TA=25℃
PI5PD2041B
RL=5Ω, CL=100µF, TA=25℃
VI(/EN)
5V/Div
VO(OUT)
2V/Div
Time (200µs/Div)
VI(/EN)
5V/Div
VO(OUT)
2V/Div
Time (200µs/Div)
VI(/EN)
5V/Div
VO(OUT)
2V/Div
Time (200µs/Div)
VI(/EN)
5V/Div
VO(OUT)
2V/Div
Time (400µs/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com