Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5PD2041B Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5PD2041B
Description  70m Current-Limited, Power-Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2041B Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5PD2041B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-07-0009
PT0317-5
07/31/13
2
PI5PD2041B/51B
70mΩ Current-Limited,
Power-Distribution Switches
Functional Block Diagram
Note A: Current sense
Note B: Active low (/EN) for PI5PD2041B; Active high (EN) for PI5PD2051B
Maximum Ratings
StorageTemperature..............................................................................-65oC to +150oC
Operating virtual junction temperature range,TJ .............................-40oC to +125oC
Input Voltage range ( VI(IN)
(2))......................................................................-0.3Vto +6V
Output Voltage range ( VO(OUT)
(2))..............................................................-0.3Vto +6V
Input Voltage range (VI(/EN), VI(EN))..............................................................-0.3Vto +6V
Voltage range (VI(/OC), VI(OC)).......................................................................-0.3Vto +6V
Continuous output current ( IO(OUT))...........................................................Internallylimit
Power Dissipation.................................................................................SOT23-5/400mW
Electrostatic discharge (ESD) protection.......... 4kV/Human body MIL-STD-883C
Electrostatic discharge (ESD) protection............500V/Charge device model(CDM)
Recommended Operating Conditions
Symbol
Description
Min
Type
Max
Unit
VI(IN)
Input Voltage
2.7
-
5.5
V
VI(/EN), VI(EN)
Input Voltage
0
-
5.5
V
IO(OUT)
Continuous Output Current
0
-
0.5
A
TJ
Operating Virtual Junction Temperature Range
-40
-
125
ºC
Note:
(1)Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
(2)All voltages are with respect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com