Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5PD2041B Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI5PD2041B
Description  70m Current-Limited, Power-Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2041B Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI5PD2041B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-07-0009
PT0317-5
07/31/13
9
PI5PD2041B/51B
70mΩ Current-Limited,
Power-Distribution Switches
Application Information
The power switch is an N-channel MOSFET with a low RDS(on) 70mΩ resistance. Configured as a high-side switch, the power
switch prevents leakage current flow from output to input when chip disabled. The power switch supplies a maximum continuous
current up to 0.5A.
Power-Supply Considerations
Figure 1 Typical Application Circuit
A 0.01μF to 1μF ceramic bypass capacitor between IN and GND, close to the device, is recommended. Placing a high-value
electrolytic capacitor on the output pin(s) is recommended when the output load is heavy. This precaution reduces power-supply
transients that may cause ringing on the input. Additionally, bypassing the output with a 0.01μF to 1μF ceramic capacitor
improves the immunity of the device to short-circuit transients.
Enable (/EN or EN)
The enable pin is logic enable & disables the power switch, which is compatible with CMOS and TTL logic levels. The supply
current is reduced to less than 1μA when a logic high is present on /EN, or when a logic low is present on EN. A logic zero input
on /EN, or a logic high input on EN restores the bias to the driver and control circuits and turns the switch on
/OC Output
The /OC open-drain output is asserted (active low) when an over current or over temperature condition is asserted. The output
remains asserted until the over current or over temperature condition is removed. The /OC pin requires a pull-up resistor, this
resistor should be larger to reduce energy drain. A 100KΩ pull-up resistor works well for most applications. In the case of an
over-current or short-circuit conditions, /OC will be asserted only after response delay time, Td, 14ms have elapsed. If an over
temperature shutdown occurs, the /OC is asserted instantaneously.
Figure 2 Typical Circuit for the /OC Pin
IN
/EN
/OC
GND
OUT
PI5PD2041B
V+
Rpull-up
IN
/EN
/OC
GND
OUT
0.1µF
22µF
0.1µF
POWER SUPPLY
2.7V to 5.5V
LOAD
PI5PD2041B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com