Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5PD2041B Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5PD2041B
Description  70m Current-Limited, Power-Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2041B Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5PD2041B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-07-0009
PT0317-5
07/31/13
3
PI5PD2041B/51B
70mΩ Current-Limited,
Power-Distribution Switches
Electrical Characteristics
Unless otherwise specified, VI(IN) = 5.5V, IO = 0.5A, VI(/EN) = 0V, VI(EN) = 5.5V.
Sym
Description
Test Conditions
(1)
Min
Typ
Max
Unit
Power Switch
RDS(on)
Static drain-source on-state resistance,
5V operation and 3.3V operation
VI(IN) = 5V or 3.3V, IO = 0.5A, -40°C
≤T
J≤ 125°C
-
70
135
mΩ
Static drain-source on-state resistance,
2.7V operation
(2)
VI(IN) = 2.7V, IO = 0.5A, -40°C ≤TJ ≤
125°C
-
75
150
mΩ
tr
(2)
Rise time, output
VI(IN) = 5.5V
CL=1F,
RL=10Ω,
T
J
=25°C
-
0.6
1.5
ms
VI(IN) = 2.7V
-
0.4
1
tf
(2)
Fall time, output
VI(IN) = 5.5V
0.05
-
0.5
VI(IN) = 2.7V
0.05
-
0.5
Enable Input /EN or EN
VIH
High-level input voltage
2.7 V ≤ VI(IN) ≤ 5.5 V
2
-
-
V
VIL
Low-level input voltage
2.7 V ≤ VI(IN) ≤ 5.5 V
-
-
0.8
II
Input current
VI(/EN) = 0 V or 5.5 V
-0.5
-
0.5
A
ton
(2)
Turn on time
CL = 100F, RL = 10Ω
-
-
3
ms
toff
(2)
Turn off time
CL = 100F, RL = 10Ω
-
-
10
Current Limit
IOS
Short-circuit output current
VI(IN)
=5V,
OUT
connected to GND,
device enabled into
short-circuit
TJ =25°C
0.75
1
1.25
A
-40°C ≤TJ ≤
125°C
0.7
1
1.3
IOC-TRIP
Over-current trip threshold
VI(IN)=5V, current ramp ( ≤100 A/s )
on OUT
1.1
1.5
2.5
A
Supply Current
ISTB
Input supply current at output disable
No load on OUT,
VI(/EN)=
5.5V,
or
VI(EN)=0V
TJ =25°C
-
0.1
-
A
-40°C ≤TJ ≤
125°C
-
0.2
-
ISS
Input supply current at output enable
No load on OUT,
VI(/EN)
=
0V,
or
VI(EN) = 5.5V
TA=25°C
-
43
-
-40°C ≤TJ ≤
125°C
-
43
-
Leakage current
OUT connected to
ground,
VI(/EN)
=
5.5V, or VI(EN) = 0V
-40°C ≤TJ ≤
125°C
-
1
-
Reverse leakage current
VI(OUT)=5.5V,
IN=
ground
(2)
TJ =25°C
-
0.1
-
Under-voltage Lockout
Low-level input voltage, IN
-
2
-
2.5
V
Hysteresis, IN
TJ =25°C
-
75
-
mV
Over-current /OC
Output low voltage, VOL(/OC)
IO(/OC) = 5mA
-
-
0.4
V
Off-state current
(2)
VO(/OC) = 5V or 3.3V
-
-
1
A
/OC deglitch
(2)
/OC assertion or de-assertion
4
12
15
ms
Thermal Shutdown
(3)
Thermal shutdown threshold
(2)
-
135
-
-
°C
Recovery from thermal shutdown
(2)
-
125
-
-
°C
Hysteresis
(2)
-
-
10
-
°C
Note:
(1) Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into
account separately.
(2) Not tested in production, specified by design.
(3) The thermal shutdown only reacts under over current conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com