Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20002 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX20002
Description  Integrated Step-Down Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20002 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX20002 Datasheet HTML 7Page - Maxim Integrated Products MAX20002 Datasheet HTML 8Page - Maxim Integrated Products MAX20002 Datasheet HTML 9Page - Maxim Integrated Products MAX20002 Datasheet HTML 10Page - Maxim Integrated Products MAX20002 Datasheet HTML 11Page - Maxim Integrated Products MAX20002 Datasheet HTML 12Page - Maxim Integrated Products MAX20002 Datasheet HTML 13Page - Maxim Integrated Products MAX20002 Datasheet HTML 14Page - Maxim Integrated Products MAX20002 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Figure 1. Internal Block Diagram
INTERNAL BIAS
REGULATOR
CONTROL
LOGIC
PV
SUPSW
BST
LX
PGND
PWM
SUP
EN
PGOOD
COMPARATOR
FEEDBACK
SELECT
LOGIC
SWITCHOVER
LOGIC
PGOOD HIGH LEVEL
PGOOD LOW LEVEL
FB
OUT
AGND
PV
PV
VREF = 1V
INTERNAL
SOFT-START
EAMP
COMP
OSCILLATOR
SPREAD
SPECTRUM
ON/OFF
FSYNC
SELECT
LOGIC
ZERO-
CROSSING
COMPARATOR
CONNECTED HI
(PWM MODE)
EXTERNAL
CLOCK
LX
CLK
SLOPE COMP
LOGIC
CURRENT-LIMIT
THRESHOLD
FSYNC
SPS
FOSC
PGOOD
MAX20002
MAX20003
CONNECTED LO
(SKIP MODE)
BIAS
www.maximintegrated.com
Maxim Integrated │ 11
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com