Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20002 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20002
Description  Integrated Step-Down Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20002 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20002 Datasheet HTML 1Page - Maxim Integrated Products MAX20002 Datasheet HTML 2Page - Maxim Integrated Products MAX20002 Datasheet HTML 3Page - Maxim Integrated Products MAX20002 Datasheet HTML 4Page - Maxim Integrated Products MAX20002 Datasheet HTML 5Page - Maxim Integrated Products MAX20002 Datasheet HTML 6Page - Maxim Integrated Products MAX20002 Datasheet HTML 7Page - Maxim Integrated Products MAX20002 Datasheet HTML 8Page - Maxim Integrated Products MAX20002 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics (continued)
VSUP = VSUPSW = 14V, VEN = 14V, L1 = 2.2µH, CIN = 4.7µF, COUT = 44µF, CBIAS = 2.2µF, CBST = 0.1µF, RFOSC=12kΩ,TA = TJ =
-40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Skip-Mode Output Voltage
(Note 3)
VOUT_
SKIP_3.3V
No load, VFB = VBIAS, skip mode
3.23
3.3
3.4
V
Load Regulation
VFB = VBIAS, 30mA < ILOAD < 3A
0.5
%
Line Regulation
VFB = VBIAS, 6V < VSUPSW < 36V
0.02
%/V
BST Input Current
IBST_ON
High-side MOSFET on,
VBST - VLX = 5V
1.5
mA
IBST_OFF
High-side MOSFET off,
VBST - VLX = 5V
1.5
µA
LX Current Limit
ILX
MAX20003
3.75
5
6.25
A
MAX20002
2.5
3.33
4.16
LX Rise Time
VOUT = 5V, 3.3V
4
ns
Spread Spectrum
Spread spectrum enabled
FOSC
±3%
High-Side Switch On-
Resistance
RON_H
ILX = 0.5A, VBIAS = 5V
60
140
mΩ
High-Side Switch Leakage
Current
High-side MOSFET off, VSUP = 36V,
VLX = 0V, TA = +25°C
1
5
µA
Low-Side Switch On-
Resistance
RON_L
ILX = 0.5A, VBIAS = 5V
35
70
mΩ
Low-Side Switch Leakage
Current
Low-side MOSFET off, VSUP = 36V,
VLX = 36V, TA = +25°C
1
5
µA
FB Input Current
IFB
TA = +25°C
20
100
nA
FB Regulation Voltage
VFB
FB connected to an external resistive
divider, 6V < VSUPSW < 36V
0.99
1
1.01
V
FB Line Regulation
∆VLINE
6V < VSUPSW < 36V
0.02
%/V
Transconductance (from FB to
COMP)
gm
VFB = 1V, VBIAS = 5V
700
µS
Minimum On-Time
tON_MIN
80
ns
Maximum Duty Cycle
DCMAX
98
99
%
Oscillator Frequency
RFOSC=73.2kΩ
400
kHz
RFOSC=12kΩ
2.0
2.2
2.4
MHz
SYNC, EN, AND SPS LOGIC THRESHOLDS
External Input Clock Acquisition
time
tFSYNC
1
Cycle
External Input Clock Frequency
RFOSC=12kΩ(Note4)
1.8
2.6
MHz
External Input Clock High
Threshold
VFSYNC_HI VFSYNC rising
1.4
V
External Input Clock Low
Threshold
VFSYNC_LO VFSYNC falling
0.4
V
FSYNC Leakage Current
TA = +25°C
1
µA
Soft-Start Time
tSS
5.6
8
12
ms
www.maximintegrated.com
Maxim Integrated │ 4
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com