Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20002 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX20002
Description  Integrated Step-Down Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20002 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX20002 Datasheet HTML 2Page - Maxim Integrated Products MAX20002 Datasheet HTML 3Page - Maxim Integrated Products MAX20002 Datasheet HTML 4Page - Maxim Integrated Products MAX20002 Datasheet HTML 5Page - Maxim Integrated Products MAX20002 Datasheet HTML 6Page - Maxim Integrated Products MAX20002 Datasheet HTML 7Page - Maxim Integrated Products MAX20002 Datasheet HTML 8Page - Maxim Integrated Products MAX20002 Datasheet HTML 9Page - Maxim Integrated Products MAX20002 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
(VSUP = VSUPSW = 14V, VEN = 14V, VOUT = 5V, VFSYNC = 0V, RFOSC=12kΩ,TA = +25°C, unless otherwise noted.)
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ILOAD (A)
LOAD REGULATION
400kHz
toc04
2.2MHz
0
10
20
30
40
50
60
70
80
90
100
0.0001 0.001
0.01
0.1
1
10
LOAD CURRENT (A)
fSW = 2.2MHz
VIN = 14V
EFFICIENCY vs.
LOAD CURRENT
toc01
SKIP MODE
FPWM
MODE
3.3V
3.3V
5V
5V
COILCRAFT
XAL5030-222MEB
2.00
2.04
2.08
2.12
2.16
2.20
2.24
2.28
-40 -25 -10 5 20 35 50 65 80 95 110 125
TEMPERATURE (°C)
fSW vs. TEMPERATURE
toc07
VOUT= 3.3V
VIN = 14V,
FPWM MODE
VOUT = 5V
0
10
20
30
40
50
60
70
80
90
100
0.0001 0.001
0.01
0.1
1
10
LOAD CURRENT (A)
fSW = 400kHz,
VIN =14V
EFFICIENCY vs.
LOAD CURRENT
toc02
SKIP MODE
FPWM
MODE
3.3V
3.3V
5V
5V
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
12
42
72
102
132
RFOSC(kΩ)
SWITCHING FREQUENCY
vs. RFOSC
toc08
2.10
2.12
2.14
2.16
2.18
2.20
2.22
2.24
2.26
2.28
2.30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ILOAD (A)
fSW vs. LOAD CURRENT
toc05
VOUT = 3.3V
VIN = 14V,
FPWM MODE
375
380
385
390
395
400
405
410
415
420
425
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ILOAD(A)
fSWvs. LOAD CURRENT
toc06
VOUT = 3.3V
VIN = 14V,
FPWM MODE
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ILOAD (A)
LOAD REGULATION
400kHz
toc03
2.2MHz
VOUT = 5V, VIN = 14V,
SKIP MODE
10
15
20
25
30
35
40
45
50
6
12
18
24
30
36
SUPPLY VOLTAGE (V)
SUPPLY CURRENT vs.
SUPPLY VOLTAGE
toc09
3.3V/2.2MHz SKIP MODE
Maxim Integrated │ 6
www.maximintegrated.com
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com