Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20002 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX20002
Description  Integrated Step-Down Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20002 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX20002 Datasheet HTML 10Page - Maxim Integrated Products MAX20002 Datasheet HTML 11Page - Maxim Integrated Products MAX20002 Datasheet HTML 12Page - Maxim Integrated Products MAX20002 Datasheet HTML 13Page - Maxim Integrated Products MAX20002 Datasheet HTML 14Page - Maxim Integrated Products MAX20002 Datasheet HTML 15Page - Maxim Integrated Products MAX20002 Datasheet HTML 16Page - Maxim Integrated Products MAX20002 Datasheet HTML 17Page - Maxim Integrated Products MAX20002 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
When using low-capacity filter capacitors, such as ceramic
capacitors, size is usually determined by the capacity need-
ed to prevent voltage droop and voltage rise from causing
problems during load transients. Generally, once enough
capacitance is added to meet the overshoot requirement,
undershoot at the rising load edge is no longer a problem.
However, low-capacity filter capacitors typically have high-
ESR zeros that can affect the overall stability.
Compensation Network
The devices use an internal transconductance error
amplifier with its inverting input and its output available to
the user for external frequency compensation. The output
capacitor and compensation network determine the loop
stability. The inductor and the output capacitor are chosen
based on performance, size, and cost. Additionally, the
compensation network optimizes the control-loop stability.
The converter uses a current-mode control scheme
that regulates the output voltage by forcing the required
current through the external inductor. The devices use
the voltage drop across the high-side MOSFET to sense
inductor current. Current-mode control eliminates the
double pole in the feedback loop caused by the inductor
and output capacitor, resulting in a smaller phase shift
and requiring less elaborate error-amplifier compensation
than voltage-mode control. Only a simple single series
resistor (RC) and capacitor (CC) are required to have a
stable, high-bandwidth loop in applications where ceramic
capacitors are used for output filtering (see Figure 3). For
other types of capacitors, due to the higher capacitance
and ESR, the frequency of the zero created by the capaci-
tance and ESR is lower than the desired closed-loop
crossover frequency. To stabilize a nonceramic output-
capacitor loop, add another compensation capacitor (CF)
from COMP to ground to cancel this ESR zero.
The basic regulator loop is modeled as a power modula-
tor, output feedback divider, and an error amplifier. The
power modulator has a DC gain set by gm × RLOAD,
with a pole and zero pair set by RLOAD, the output
capacitor (COUT), and its ESR. The following equations
help to approximate the value for the gain of the power
modulator (GAINMOD(dc)), neglecting the effect of the
ramp stabilization. Ramp stabilization is necessary when
the duty cycle is above 50% and is internally done for the
devices:
MOD(dc)
mc
LOAD
GAIN
g
R
=
×
where RLOAD = VOUT/IOUT(MAX)inΩandgmc = 3S.
In a current-mode step-down converter, the output capaci-
tor, its ESR, and the load resistance introduce a pole at
the following frequency:
pMOD
OUT
LOAD
1
f
2C
R
=
π×
×
The output capacitor and its ESR also introduce a zero at:
zMOD
OUT
1
f
2
ESR C
=
π×
×
When COUT is composed of “n” identical capacitors
in parallel, the resulting COUT = n × COUT(EACH), and
ESR = ESR(EACH)/n. Note that the capacitor zero for a
parallel combination of alike capacitors is the same as
for an individual capacitor.
The feedback voltage-divider has a gain of GAINFB =
VFB/VOUT, where VFB is 1V (typ).
The transconductance error amplifier has a DC gain
of GAINEA(DC) = gm_EA × ROUT_EA, where gm_EA is
the error amplifier transconductance, which is 700µS
(typ), and ROUT_EA is the output resistance of the error
amplifier(50MΩ).
Figure 3. Compensation Network
RC
CC
CF
R1
R2
VOUT
COMP
gm
REF
www.maximintegrated.com
Maxim Integrated │ 15
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com