Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCD210SC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # BCD210SC
Description  Bluetooth-serial Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BCD210SC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button BCD210SC Datasheet HTML 2Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 3Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 4Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 5Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 6Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 7Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 8Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 9Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
PARANI-BCD210
Page 6 of 25
1.5 핀 설명
Table 1-1 Pin descriptions
Function
Pin Name
Pin Number
Description
USB
USB_DP
11
USB data plus
USB_DN
10
USB data minus
UART
UART_TXD
8
UART data output
UART_RXD
7
UART data input
UART_RTS
6
UART request to send active low
UART_CTS
9
UART clear to send active low
PCM
PCM_OUT
15
Synchronous data output
PCM_IN
12
Synchronous data input
PCM_SYNC
13
Synchronous data sync
PCM_CLK
14
Synchronous data clock
SPI
SPI_MISO
20
SPI data output
SPI_MOSI
23
SPI data input
SPI_CSB
22
Chip select for SPI, active low
SPI_CLK
21
SPI clock
PIO
PIO_0
35
Programmable input/output line
PIO_1
34
Programmable input/output line
PIO_2
29
Programmable input/output line
PIO_3
28
Programmable input/output line
PIO_4
24
Programmable input/output line
PIO_5
25
Programmable input/output line
PIO_6
26
Programmable input/output line
PIO_7
27
Programmable input/output line
PIO_8
30
Programmable input/output line
PIO_9
31
Programmable input/output line
PIO_10
32
Programmable input/output line
PIO_11
33
Programmable input/output line
AIO
AIO_0
4
Analogue programmable input/output line
AIO_1
5
Analogue programmable input/output line
Power
+3V3
16
Power supply for system, 3.3V
GND
1,2,17,19,36
Ground
Others
RESETB
18
Reset, active low, > 5ms to cause a reset
NC
3
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com