Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCD210SC Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # BCD210SC
Description  Bluetooth-serial Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BCD210SC Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button BCD210SC Datasheet HTML 9Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 10Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 11Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 12Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 13Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 14Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 15Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 16Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
PARANI-BCD210
Page 13 of 25
F = F0 – 3MHz
-
-
-40
≤ -40
dB
F = F0 + 5MHz
-
-
-40
≤ -40
dB
F = FImage
-
-
-9
≤ -9
dB
Blocking
performance
0.030-2.000GHz
-10
-
-
≥ -10
dBm
2.000-2.400GHz
-27
-
-
≥ -27
dBm
2.500-3.000GHz
-27
-
-
≥ -27
dBm
3.000-12.75GHz
-10
-
-
≥ -10
dBm
Inter-modulation performance
-39
-
-
≥ -39
dBm
Maximum input level at 0.1% BER
-20
-
-
≥ -20
dBm
3.2 Enhanced Data Rate
3.2.1 송신부 성능
RF Characteristics
VCC = 3.3V, 25°C
Min
Typ
Max
Bluetooth
Specification
Unit
Maximum RF Transmit Power
-3
1
-
-6 to +4
dB
Relative Transmit Power
-4
-
1
-4 to +1
dB
Carrier
Frequency
Stability
π/4
DQPSK
| ω0 |
-10
-
10
≤ ±10 for all blocks
kHz
| ωi |
-75
-
75
≤ ±75 for all packets
kHz
| ω0 + ωi |
-75
-
75
≤ ±75 for all blocks
kHz
8DPSK
| ω0 |
-10
-
10
≤ ±10 for all blocks
kHz
| ωi |
-75
-
75
≤ ±75 for all packets
kHz
| ω0 + ωi |
-75
-
75
≤ ±75 for all blocks
kHz
Modulation
Accuracy
π/4
DQPSK
RMS DEVM
-
-
20
≤ 20
%
99% DEVM
-
-
30
≤ 30
%
Peak DEVM
-
-
35
≤ 35
%
8DPSK
RMS DEVM
-
-
13
≤ 13
%
99% DEVM
-
-
20
≤ 20
%
Peak DEVM
-
-
25
≤ 25
%
EDR Differential Phase Encoding
99
-
-
≥ 99
%
In-band
Spurious
Emissions
(8DPSK)
F ≥ F0 + 3MHz
-
-
-40
≥ -40
dBm
F < F0 + 3MHz
-
-
-40
≥ -40
dBm
F = F0 – 3MHz
-
-
-40
≥ -40
dBm
F = F0 – 2MHz
-
-
-20
≥ -20
dBm
F = F0 – 1MHz
-
-
-26
≥ -26
dB
F = F0 + 1MHz
-
-
-26
≥ -26
dB
F = F0 + 2MHz
-
-
-20
≥ -20
dBm
F = F0 + 3MHz
-
-
-40
≥ -40
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com