Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH20ATNET Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PDUMH20ATNET
Description  Single-Phase Auto Transfer Switch / Switched PDU 1.9kW 20A 120V, 1U Horizontal Rackmount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUMH20ATNET Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PDUMH20ATNET Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 4Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 5Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Single-Phase Auto Transfer Switch / Switched PDU
1.9kW 20A 120V, 1U Horizontal Rackmount, 16
5-15/20R outlets, 2 L5-20P / 5-20P inputs
MODEL NUMBER: PDUMH20ATNET
Description
Tripp Lite Switched ATS / Auto Transfer Switch provides a redundant power option for single-corded network
devices. Dual input cords support separate connection to PRIMARY and SECONDARY power sources. The
ATS will normally maintain continuous output to all outlets as derived from the primary input cable. If the primary
power source becomes unstable or fails altogether, the ATS will switch over to the secondary power source until
the primary input is restored and stable. Switched PDU features include individually controllable output
receptacles and built-in network interface. Super-fast switchover between primary and secondary power sources
occurs within milliseconds. ATS functionality is supported by any two compatible AC power sources, regardless
of phase angle, to support a variety of advanced redundant power networking applications. Enables fault tolerant
hot-swappable UPS protection when used with a single UPS and fully redundant UPS protection when each cord
is connected to a separate UPS system. In a two-UPS environment, the primary input cable must be supported
by a full time sine wave UPS with zero transfer time. Tripp Lite SmartOnline series is highly recommended for
use as the primary UPS in a two-UPS application. ATS configurations utilizing separate mains circuits, backup
generators and even separate utility power grid feeds are fully supported. On-board ATS processor constantly evaluates power quality on both input sources to
prevent transfer to the secondary source when unavailable or of lower quality than the primary source. Front input LED's display primary or secondary power
availability.
Features
120V 20A Power Distribution Unit (PDU) with Auto-Transfer Switch (ATS) and Switched outlets (Agency de-rated to 16A)
ATS features provide redundant power for critical network equipment with a single input power cord
Switched PDU features enable programmable or real-time control of individual outlets via built-in network interface
Visual meter reports output power consumption in amps
16 switched NEMA 5-15/20R outlets; 1U horizontal rackmount form factor; 14.5 in. / 36.8 cm depth
Two NEMA L5-20P inputs (includes two 5-20P adapters) connect to separate PRIMARY and SECONDARY inputs
ATS normally maintains output sourced from the primary input; As primary input power fails or becomes unstable, the ATS will switch to power equipment
Highlights
Single phase 20A 120V Auto
Transfer Switch / ATS PDU
Enables redundant-power option
for single-corded network devices
Separate primary & secondary
inputs connect to any two
compatible power sources
1U horizontal rackmount; 2
L5-20P / 5-20P inputs; 16
5-15/20R outlets
Individually switched outlets,
network interface and 2 digit
visual current meter
Applications
ATS PDU systems provide a
redundant power option with
individual outlet control for
single-corded network devices
Package Includes
PDU with attached L5-20P input
power cord
Detachable C19 to NEMA
L5-20P 12 ft/3.6m secondary
input cord
Two NEMA L5-20R to NEMA
5-20P plug adapters
Installable 1U mounting brackets
User manual with warranty
information
1 / 5


Similar Part No. - PDUMH20ATNET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDUMH20AT ETC2-PDUMH20AT Datasheet
479Kb / 4P
Single-Phase Auto Transfer Switch / Metered PDU, 1.9kW 20A 120V, 1U Horizontal Rackmount, 16 5-15/20R outlets
More results

Similar Description - PDUMH20ATNET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDU1215 ETC2-PDU1215 Datasheet
485Kb / 4P
Single-Phase Basic PDU, 1.8kW 15A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15R outlets NEMA 5-15P input plug
PDU1220 ETC2-PDU1220 Datasheet
485Kb / 4P
Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets
PDU1220T ETC2-PDU1220T Datasheet
484Kb / 4P
Single-Phase Basic PDU, 2.4kW 20A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15/20R outlets, NEMA L5-20P input plug
PDUB20 ETC2-PDUB20 Datasheet
483Kb / 5P
Single-Phase Hot-Swap PDU, 1.9kW 20A 120V, 2U Horizontal Rackmount, 4 NEMA 5-15R & 4 NEMA
PDUMH15AT ETC2-PDUMH15AT Datasheet
478Kb / 4P
Single-Phase Auto Transfer Switch / Metered PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 8 NEMA
PDUMH15ATNET ETC2-PDUMH15ATNET Datasheet
486Kb / 5P
Single-Phase Auto Transfer Switch / Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount
PDUMH15NET ETC2-PDUMH15NET Datasheet
115Kb / 4P
Single-Phase Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 16 NEMA 5-15R outlets, NEMA 5-15P input plug
PDUMH20AT ETC2-PDUMH20AT Datasheet
479Kb / 4P
Single-Phase Auto Transfer Switch / Metered PDU, 1.9kW 20A 120V, 1U Horizontal Rackmount, 16 5-15/20R outlets
PDUMV20 ETC2-PDUMV20 Datasheet
505Kb / 5P
Single-Phase Metered PDU, 1.9kW 20A 120V, 0U Vertical Rackmount, 28 NEMA 5-15/20R outlets
logo
Tripp Lite. All Rights ...
PDUMH20NET2 TRIPPLITE-PDUMH20NET2 Datasheet
163Kb / 4P
1.9kW Single-Phase Switched PDU, 120V Outlets (8 5-15/20R), L5-20P/5-20P Adapter, 12ft Cord, 1U Rack-Mount, TAA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com