Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH20ATNET Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PDUMH20ATNET
Description  Single-Phase Auto Transfer Switch / Switched PDU 1.9kW 20A 120V, 1U Horizontal Rackmount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUMH20ATNET Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PDUMH20ATNET Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 4Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 5Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WEXT3-PDU-ATNET
3-Year Extended Warranty - For Switched PDUs ending with ATNET
1
WEXT5-PDU-ATNET
5-Year Extended Warranty - For Switched PDUs ending with ATNET
1
ENVIROSENSE
Monitors temperature, humidity and contact-closure inputs. (Requires SNMPWEBCARD or switched
PDU.)
1
SRSWITCH
Magnetic Door Switch Kit (2-pack for front and rear doors; requires ENVIROSENSE.)
1
P007-002
2-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
P007-006
6-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
P007-010
10-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
P010-012
12-ft. 18AWG Power cord
(NEMA 5-15P to IEC-320-C13)
1
P022-001
1-ft. 18AWG Power Extension cord
(NEMA 5-15R to NEMA 5-15P)
1
P023-001
1-ft. 14AWG Power Adapter cord
(NEMA L5-15R to NEMA 5-15P)
1
P034-010
10-ft. 14AWG Heavy Duty Power cord
( IEC-320-C19 to NEMA 5-15P)
1
P036-002
2-ft. 12AWG Heavy Duty Power cord
(IEC-320-C19 to IEC-320-C20)
1
P036-006
6-ft. 12AWG Heavy Duty Power cord
(IEC-320-C19 to IEC-320-C20)
1
P043-002
2-ft. 10AWG Heavy Duty Power Cord with 20 AMP Breaker, (NEMA L5-30P to NEMA L5-20R)
1
P045-010
10-ft. 12AWG Heavy-Duty Power cord
(IEC-320-C19 to NEMA L5-20P)
1
P047-002
2-ft. 14AWG Heavy Duty Power cord
(IEC-320-C19 to IEC-320-C14)
1
P047-004
4-ft. 14AWG Heavy Duty Power cord
(IEC-320-C19 to IEC-320-C14)
1
P047-006
6-ft. 14AWG Heavy Duty Power cord
(IEC-320-C19 to IEC-320-C14)
1
P047-010
10-ft. 14AWG Heavy Duty Power cord
(IEC-320-C19 to IEC-320-C14)
1
P049-010
10-ft. 12AWG Heavy Duty Power cord
(IEC-320-C19 to NEMA 5-20P)
1
SRCABLEDUCT1U
1U Horizontal Cable Manager (Finger duct with cover.)
1
SRCABLERING1U
1U Horizontal Cable Manager (Flexible ring type.)
1
SRCABLERING2U
2U Horizontal Cable Manager (Flexible ring type.)
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at:
http://www.tripplite.com/sku/PDUMH20ATNET.
4 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com