Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH20ATNET Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PDUMH20ATNET
Description  Single-Phase Auto Transfer Switch / Switched PDU 1.9kW 20A 120V, 1U Horizontal Rackmount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUMH20ATNET Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PDUMH20ATNET Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 4Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 5Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Front panel LEDs
16 front panel LEDs display power on - off status for each outlet, plus 2 LEDs for power status on each input line
cord. Digital current meter display shows the amount of power consumption in amps for entire output of PDU.
PHYSICAL
Shipping Dimensions (HWD/in)
6.25 x 22.5 x 23.5
Shipping Dimensions (HWD/cm)
15.9 x 57.2 x 59.7
Shipping weight (lbs)
16.4
Shipping weight (kg)
7.4
Unit Dimensions (HWD/in)
1.75 (1U) x 17.5 x 14.5
Unit Dimensions (HWD/cm)
4.44 x 44.4 x 36.8
Unit weight (lbs)
12.2
Unit weight (kg)
5.5
Material of construction
Steel
Style
Rackmount
Form factors supported
1U rackmount
PDU Form Factor
Horizontal (1U, 2U, etc)
ENVIRONMENTAL
Relative Humidity
Up to 95% (non-condensing)
COMMUNICATIONS
SNMP compatibility
Yes, via pre-installled SNMPWEBCARD. Provides remote monitoring, outlet control, and automatic power
management configurations.
SPECIAL FEATURES
Appearance
Black 1U rackmount steel chassis
CERTIFICATIONS
TAA Compliant Option
TAA Compliant Version Available - Order Tripp Lite PDUMH20ATNETAA
Certifications
Tested to UL 60950 (USA, Canada), Class A (Emissions), NOM (Mexico), RoHS Complaint
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
3 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com