Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH20ATNET Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PDUMH20ATNET
Description  Single-Phase Auto Transfer Switch / Switched PDU 1.9kW 20A 120V, 1U Horizontal Rackmount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUMH20ATNET Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PDUMH20ATNET Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 4Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 5Page - List of Unclassifed Manufacturers PDUMH20ATNET Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
from the secondary input until power on the primary input is restored and stable
ATS configurations enable hot-swappable UPS protection when used with a single UPS and redundant UPS protection when each input is connected to a
separate UPS system (in a two-UPS environment, the primary input cable must be supported by an online UPS similar to Tripp Lite SmartOnline)
Advanced ATS configurations using separate mains circuits, backup generators and out of phase utility feeds are fully supported
On-board processor evaluates power quality on both inputs to prevent transfer to the secondary source when unavailable or of lower quality than the
primary source
2-7 millisecond transfer time between primary and secondary inputs
DHCP/Manual configuration support; Supports HTTP, HTTPS, PowerAlert Network Management System, SMTP, SNMPv1, SNMPv2, Telnet, SSH, FTP,
DHCP, BOOTP, NTP protocols
Compatible with optional ENVIROSENSE temperature monitor
Outlets are factory programmed for sequential turn-on at 250 millisecond intervals as the PDU is first energized
Front panel LEDs confirm power availability on primary / secondary inputs and each output receptacle
TAA Compliant Version Available - Order Tripp Lite PDUMH20ATNETAA
Specifications
OVERVIEW
PDU Type
Auto-Transfer Switch; Switched
OUTPUT
Output Capacity Details
1.9kW (120V input), 2.0kW (127V input), 1.6kW (100V input); 20A maximum (Agency de-rated to 16A continuous)
Frequency compatibility
60 Hz
Output VA
2400
Output nominal voltage
100-127V nominal, single phase
Outlet quantity / type
16 NEMA 5-15/20R
Outlet Type
NEMA 5-15R, NEMA 5-20R
Customized load management
receptacles
16 individually controlled load management receptacles
INPUT
PDU Input Voltage
100; 120; 127
Maximum Input Amps (A)
20
Maximum Input Amps (A) Details
Agency de-rated to 16A continuous
PDU Plug Type
NEMA 5-20P; NEMA L5-20P
Input cord length details
Both input cables are 12 ft / 3.6m - the cables each terminate to a L5-20P locking plug on the input side. Two
included 6 inch plug adapters convert the locking plugs to NEMA 5-20P plugs
Phase
Single-Phase
LEDS ALARMS & SWITCHES
2 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com