Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART550USB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMART550USB
Description  Smart USB 550VA Tower Line-Interactive 120V UPS with USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART550USB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMART550USB Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Smart USB 550VA Tower Line-Interactive 120V UPS
with USB port
MODEL NUMBER: SMART550USB
Description
Tripp Lite's SMART550USB line interactive UPS system offers voltage regulation, surge suppression and long lasting battery support for personal computers,
internetworking equipment and other sensitive electronics. Internal UPS circuits support entry level PC systems for up to 30 minutes during power failures so
that connected equipment can be shutdown without data loss. Automatic Voltage Regulation (AVR) circuits regulate brownouts as low as 89 volts back to
usable levels without using battery power. Offers complete desktop power protection in an attractive stealth black tower configuration. Includes 3 battery
supported outlets for computer, monitor and one vital system peripheral, plus 3 additional surge suppression-only outlets for printers and other system
accessories not requiring battery support. USB port enables optional unattended system shutdown without data loss in the case of extended power failure, USB
cable included. PowerAlert software available via free download from www.tripplite.com. Built-in single line RJ11 phone suppression jacks protect modem, fax
machine, cordless phone or other peripheral with a standard dialup/DSL phone connection. Built-in audible alarm and 4 front panel LEDs indicate line power
status, battery power status, battery low/replace status and overload status. 550VA/300 watt power handling ability supports entry-level PCs, network
workstations, point-of-sale equipment, small business phone systems, audio/video equipment and home theater systems. Offers 4.6 minutes battery runtime
with a full load of 550VA/300 watts and 14.8 minutes with a half load of 275VA/150 watts. Supports battery replacement via built-in access panel. $200,000
Ultimate Lifetime Insurance (USA and Canada Only).
Features
SMART550USB line interactive UPS system offers voltage regulation and battery support, plus complete AC and dialup/DSL modem line surge
suppression
Supports entry level PC systems for up to 30 minutes during power failures to enable a safe system shutdown
Supports a max load of 550VA/300 watts for 4.6 minutes and a half load of 275VA/150 watts for 14.8 minutes
Automatic Voltage Regulation (AVR) circuits correct brownouts as low as 89 volts without using battery power
Attractive stealth black tower configuration
Includes 3 battery supported outlets, plus 3 additional surge suppression-only outlets, 6 foot AC line cord (all NEMA 5-15)
USB port enables unattended shutdown without data loss during extended power failures, includes USB cable
PowerAlert software available via free download from www.tripplite.com
Built-in RJ11 phone suppression jacks protect modem, fax machine or other peripheral with a dialup or DSL line phone connection
Built-in audible alarm and 4 front panel LEDs indicate UPS system and line power status
550VA/300 watt power handling ability supports a variety of computer, internetworking, telecom and consumer electronics equipment
Highlights
550VA tower 120V line
interactive UPS
Corrects brownouts as low as
89V without using battery power
3 UPS battery supported outlets,
3 surge-only outlets
USB port, TEL/DSL/ethernet
protection
NEMA 5-15P input plug and 6
NEMA 5-15R outlets
Package Includes
SMART550USB UPS System
USB and Telephone
interconnection cables
Instruction manual with warranty
information
1 / 5


Similar Part No. - SMART550USB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART550USBTAA TRIPPLITE-SMART550USBTAA Datasheet
495Kb / 5P
TAA-Compliant SmartPro 120V 550VA 300W Line-Interactive UPS, Tower, USB, Tel-DSL Protection
SMART550USBWD TRIPPLITE-SMART550USBWD Datasheet
527Kb / 5P
SmartPro 120V 550VA 300W Line-Interactive UPS,Watchdog Software, Tower, USB, Tel-DSL Protection
SMART550USB TRIPPLITE-SMART550USB_15 Datasheet
494Kb / 5P
SmartPro 120V 550VA 300W Line-Interactive UPS,Tower, USB, Tel-DSL Protection
More results

Similar Description - SMART550USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNISMART500 ETC2-OMNISMART500 Datasheet
502Kb / 6P
OmniSmart 500VA Tower Line-Interactive 120V UPS with USB port
OMNISMART1050 ETC2-OMNISMART1050 Datasheet
495Kb / 6P
OmniSmart 1050VA Tower Line-Interactive 120V UPS with USB port
OMNISMART1400 ETC2-OMNISMART1400 Datasheet
492Kb / 6P
OmniSmart 1400VA Tower Line-Interactive 120V UPS with USB port
AVR550U ETC2-AVR550U Datasheet
531Kb / 6P
AVR Series 550VA Ultra-compact Line-Interactive 120V UPS with USB port
OMNISMART300PNP ETC2-OMNISMART300PNP Datasheet
497Kb / 6P
OmniSmart 300VA Tower Line-Interactive 120V UPS with USB port
SMART750USB ETC2-SMART750USB Datasheet
499Kb / 6P
Smart USB 750VA Tower Line-Interactive 120V UPS with USB port
logo
Tumbler Technologies + ...
OMNISMART500 TRUMPOWER-OMNISMART500 Datasheet
493Kb / 5P
OmniSmart 500VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNISMART1050 TRIPPLITE-OMNISMART1050 Datasheet
492Kb / 5P
OmniSmart 1050VA Tower Line-Interactive 120V UPS with USB port
OMNISMART1400 TRIPPLITE-OMNISMART1400 Datasheet
488Kb / 5P
OmniSmart 1400VA Tower Line-Interactive 120V UPS with USB port
SMART550USB TRIPPLITE-SMART550USB_15 Datasheet
494Kb / 5P
SmartPro 120V 550VA 300W Line-Interactive UPS,Tower, USB, Tel-DSL Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com