Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART550USB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SMART550USB
Description  Smart USB 550VA Tower Line-Interactive 120V UPS with USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART550USB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SMART550USB Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$200,000 Ultimate Lifetime Insurance
Related Items
Optional Products
Model Number
Description
Qty.
DCATV
Network Surge Suppressor - Essential protection for TV/VCR coaxial lines
1
DNET1
Network Surge Suppressor - Essential protection for data and communication lines
1
DTEL2
Network Surge Suppressor - Essential protection for data and communication lines
1
UPSWM
Wallmount Bracket and installation accessories (4 washers, 4 screws, 1 Velcro safety strap)
1
U022-010
10-ft. USB2.0 A/B Gold Device Cable
(A Male to B Male)
1
WATCHDOGSW
WatchDog Service Monitoring / Reboot Software
1
WEXT5-500-1500
5-Year Extended Warranty - For Smart Line-Interactive and Online Tower or Rack models, 1500VA
or less
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at:
http://www.tripplite.com/sku/SMART550USB.
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
5 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com