Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART550USB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SMART550USB
Description  Smart USB 550VA Tower Line-Interactive 120V UPS with USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART550USB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMART550USB Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC mode BTU / hr. (full load)
65.1
Battery mode BTU / hr. (full load)
358.4
AC mode efficiency rating (100%
load)
94%
COMMUNICATIONS
Communications interface
USB (HID enabled)
PowerAlert software
Free download from www.tripplite.com
Communications cable
USB interface cable included
WatchDog compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer time
2-4 milliseconds
Low voltage transfer to battery
power (setpoint)
89
High voltage transfer to battery
power (setpoint)
139
SPECIAL FEATURES
Cold Start (startup in battery mode
during a power failure)
Cold-start operation supported
High availability UPS features
Hot swappable batteries
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category B (EMI)
WARRANTY
Product Warranty Period (U.S. &
Canada)
3-year limited warranty
Product Warranty Period (Latin
America)
3-year limited warranty
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
3-year limited warranty
4 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com