Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART550USB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMART550USB
Description  Smart USB 550VA Tower Line-Interactive 120V UPS with USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART550USB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMART550USB Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART550USB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
550VA/300 watt power handling ability supports a variety of computer, internetworking, telecom and consumer electronics equipment
Supports battery replacement via built-in access panel
Compatible with 120V/60Hz applications for USA, Canada, Mexico and more
$200,000 Ultimate Lifetime Insurance (USA and Canada Only)
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
550
Output Watt Capacity (watts)
300
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency compatibility
60 Hz
Output voltage regulation (Battery
mode)
115V (+/- 5%)
Built-in UPS output receptacles
6 5-15R outlet(s)
Surge suppression only outlets
3 UPS outlets, 3 surge-only outlets
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
PWM sine wave
INPUT
Rated input current (at maximum
load)
10A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P
UPS Input cord length (ft.)
6
UPS Input cord length (m)
1.8
Recommended Electrical Service
15A 120V
Phase
Single-Phase
BATTERY
Full load runtime (minutes)
4.6 min. (300w)
Half load runtime (minutes)
14.8 min. (150w)
DC system voltage (VDC)
12
Battery recharge rate (included
batteries)
Less than 4.2 hours from 10% to 90%
Replacement battery cartridge
(internal UPS battery replacement)
RBC51
Battery Access
Battery access door
2 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com