Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MA127-R47NF Datasheet(PDF) 8 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MA127-R47NF
Description  Shielded Construction with very low DCR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MA127-R47NF Datasheet(HTML) 8 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MA127-R47NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
 
 
 
8 
1MA Series
Shielded Power Inductor– Low DCR Type
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MA‐2013A
Accetek 
-Extended dimension 159 size (15.5mmx15.5mmx11.0mm)
Inductance1
DCR2
Isat4(A)
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms3(A)
10% drop
30% drop
1MA159-6R8MFM
6.80
±20%
0.0083
0.0100
9.20
15.0
19.5
1MA159-8R2MFM
8.20
±20%
0.0091
0.0109
8.78
13.5
17.5
1MA159-100MFM
10.0
±20%
0.0114
0.0137
7.85
12.6
16.0
1MA159-120MFM
12.0
±20%
0.0130
0.0156
7.35
10.5
13.5
1MA159-150MFM
15.0
±20%
0.0170
0.0204
6.42
9.00
11.5
1MA159-220MFM
22.0
±20%
0.0210
0.0252
5.78
7.50
9.60
1MA159-330MFM
33.0
±20%
0.0323
0.0388
4.66
6.00
7.65
1MA159-470MFM
47.0
±20%
0.0403
0.0484
4.17
5.20
6.60
1MA159-680MFM
68.0
±20%
0.0625
0.0774
3.35
4.70
5.80
1MA159-820MFM
82.0
±20%
0.0795
0.0954
2.90
4.20
5.20
1MA159-101MFM
100
±20%
0.0895
0.107
2.80
3.80
4.90
1MA159-121MFM
120
±20%
0.103
0.124
2.61
3.20
4.00
1MA159-151MFM
150
±20%
0.115
0.138
2.47
3.00
3.60
1MA159-181MFM
180
±20%
0.150
0.180
2.25
2.60
3.30
1MA159-221MFM
220
±20%
0.170
0.204
2.03
2.30
3.00
1MA159-331MFM
330
±20%
0.260
0.312
1.64
1.80
2.40
1MA159-471MFM
470
±20%
0.400
0.480
1.45
1.60
2.20
1MA159-681MFM
680
±20%
0.540
0.648
1.15
1.35
1.70
1MA159-821MFM
820
±20%
0.700
0.840
1.00
1.25
1.55
1MA159-102MFM
1000
±20%
0.800
0.960
0.94
1.10
1.35
1MA159-122MFM
1200
±20%
1.20
1.44
0.75
1.00
1.20
1MA159-152MFM
1500
±20%
1.35
1.62
0.71
0.85
1.05
1MA159-182MFM
1800
±20%
1.50
1.80
0.68
0.80
1.00
1MA159-222MFM
2200
±20%
1.70
2.04
0.64
0.65
0.95
1. Inductance measured @ 100KHz, 0.3V at 25°C temperature.
2. DCR measured @ 25°C.
3. Irms: DC current for an approximate 40°C rise from 20°C ambient temperature.
4. Isat: DC current at which the inductance drops the specified amount from its value without current.
5. Specifications subject to change without notice please check our website for latest information.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com