Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MA127-R47NF Datasheet(PDF) 9 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MA127-R47NF
Description  Shielded Construction with very low DCR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MA127-R47NF Datasheet(HTML) 9 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MA127-R47NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
 
 
 
9 
1MA Series
Shielded Power Inductor– Low DCR Type
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MA‐2013A
Accetek 
E TAPE AND REEL SPECIFICATIONS
A
B
C
E
D
W
P
P0
P1
H
T
Case Size
Parts per Reel
Reel Dimensions(REF)
Tape Dimensions(REF)
A
B
C
D
E
W
P
P0
P1
H
T
1MA73
1000
330
100
13
22.5
16.5
16
12
4
2
3.8
0.4
1MA74
1000
330
100
13
22.5
16.5
16
12
4
2
4.7
0.4
1MA124
500
330
100
13
30
24.5
24
16
4
2
4.9
0.45
1MA125
500
330
100
13
30
24.5
24
16
4
2
6.2
0.45
1MA127
500
330
100
13
30
24.5
24
16
4
2
8.2
0.45
1MA129
350
330
100
13
30
24.5
24
16
4
2
10.2
0.45
1MA159
300
330
100
13
30
24.5
24
20
4
2
10.2
0.45
F RECOMMENDED SOLDER REFLOW PROFILE
Profile Feature
Recommended Conditions
Average ramp-up rate
3°C/second max.
(Tsmax to Tp)
Preheat
Temperature Min (Tsmin)
100°C
Temperature Max (Tsmax)
150°C
Time (Tsmin to Tsmax)(ts)
60-180 seconds
Time maintained above:
Temperature (TL)
217°C
Time (tL)
60-150 seconds
Peak Temperature (Tp)
See Table2
Time within 5°C of actual Peak
20-40 seconds
Temperature (tp)2
Ramp-down Rate
6°C/second max.
Time 25°C to Peak Temperature
8 minutes max
Package
Volume mm3
Volume mm3
Volume mm3
Thickness
<350
350 - 2000
>2000
< 1.6mm
260°C
260°C
260°C
1.6mm - 2.5mm
260°C
250°C
245°C
>2.5mm
250°C
245°C
245°C
Table 2
Table 1
1. The above profiles are based on IPC/JEDEC J-STD-020C.
2. Exceeding these conditions may cause lowered product
reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com