Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MA127-R47NF Datasheet(PDF) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MA127-R47NF
Description  Shielded Construction with very low DCR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MA127-R47NF Datasheet(HTML) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MA127-R47NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 
 
 
1 
1MA Series
Shielded Power Inductor– Low DCR Type
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MA‐2013A
Accetek 
A FEATURES
 Shielded Construction with very low DCR
 Heating Current rating up to 17.9 Amps
 Saturation Current rating up to 27.5 Amps
 Inductance up to 1mH for all case size (129&159 size up to 2.2mH)
 260°C reflow peak temperature qualified
 Operating Temperature range from -40°C to +125°C (Including Self-heating)
 High strength sealing epoxy with stable temperatures character to keep the parts strong at wide range temperatures:
(Typical Hardness: ShoreD86 @25°C, ShoreD70 @125°C)
 Available up to 159 size (15.5×15.5×11.0mm) to meet with higher current requirements
 Available for both Metal Base and Plastic Base from 73 to 129 size:
Plastic Base: Because of the one piece construction and better adhesion so they are more suitable for high vibration or shock applications
Metal Base: For general use and more competitive cost than Plastic base
B PART NUMBER SYSTEM
1MA
125
-
100
M
F
P
❶ 
❷ 
 
❸ 
❹ 
❺ 
❻ 
❶ 
Series
❷ 
Dimension Code (L*W*H) (mm)
1MA
Series Code
73 (7.6×7.6×3.55)
125 (12.5×12.5×6.0)
74 (7.6×7.6×4.6)
127 (12.5×12.5×8.0)
❸ 
Inductance Code
124 (12.5×12.5×4.5)
129 (12.5×12.5×10.0)
e.g.
Calculation
159(15.5×15.5×11.0)
2R2
2.2μH
100
10×100μH = 10μH
❺ 
RoHS Compliant
101
10×101μH = 100μH
❹ 
Inductance Tolerance
❻
Base Type
K
±10%
P 
Plastic Base
M
±20%
M 
Metal Base
N
±30%
C DRAWINGS AND DIMENSIONS
1
2
 
XXX
1
2
1
2
1
2
7.60 Max
[0.299]
7.60 Max
[0,299]
2.00
[0,079]
1.13
[0,044]
3.55 Max
[0,140]
3.55 Max
[0,140]
1,5
[0,059]
1,50
[0,059]
8.00
[0,315]
2,20
[0,087]
1,60
[0,063]
Land Pattern
8.00
[0,315]
2.00
[0,079]
1,70
[0,067]
Land Pattern
A1
A2
1MA73
Schematic


Similar Description - 1MA127-R47NF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1140-1R8M-RC BOURNS-1140-1R8M-RC Datasheet
434Kb / 1P
Very high current capacity Low DCR
logo
Accetek Electronics (Sh...
1MB ACCETEK-1MB Datasheet
300Kb / 6P
Shielded Construction with low DCR
logo
TOKO, Inc
FDV0618 TOKO-FDV0618 Datasheet
120Kb / 1P
Magnetically shielded construction, low DC resistance
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
Shielded construction
logo
Bourns Electronic Solut...
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
Shielded construction
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
Shielded construction
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
Shielded construction
02-Mar-17
logo
Linear Technology
LTC3774EUHE LINER-LTC3774EUHE Datasheet
2Mb / 12P
High Efficiency Dual Output Step-Down Converter with Very Low DCR Inductor
LTC3866EUF LINER-LTC3866EUF Datasheet
280Kb / 8P
High Efficiency Step-Down Converter with Very Low DCR Inductor
LTC3875EUJ LINER-LTC3875EUJ Datasheet
921Kb / 10P
High Efficient, Single Output Synchronous Buck Converter with Very Low DCR Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com