Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MA127-R47NF Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MA127-R47NF
Description  Shielded Construction with very low DCR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MA127-R47NF Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MA127-R47NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA127-R47NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
 
 
 
2 
1MA Series
Shielded Power Inductor– Low DCR Type
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MA‐2013A
Accetek 
 
XXX
1
2
1
2
1
2
7.60 Max
[0.299]
7.60 Max
[0,299]
2.00
[0,079]
1.13
[0,044]
4.60 Max
[0,181]
4,60 Max
[0,181]
1,5
[0,059]
1,50
[0,059]
8.00
[0,315]
2,20
[0,087]
1,60
[0,063]
Land Pattern
8.00
[0,315]
2.00
[0,079]
1,70
[0,067]
Land Pattern
B1
B2
13,80
[0,543]
5,50
[0,217]
3,85
[0,152]
XXX
1
2
12,50 Max
[0,492]
12,50 Max
[0,492]
1
2
4,90 Typ
[0,193]
2,05 Typ
[0,081]
1
2
5.00 Typ
[0,197]
2,50 Typ
[0,098]
4,50 Max
[0,177]
4,80 Max
[0,189]
Land Pattern
C1
C2
13,80
[0,543]
5,50
[0,217]
3,85
[0,152]
XXX
1
2
12,50 Max
[0,492]
12,50 Max
[0,492]
1
2
4,90 Typ
[0,193]
2,05 Typ
[0,081]
1
2
5.00 Typ
[0,197]
2,50 Typ
[0,098]
6.00 Max
[0,236]
6.00 Max
[0,236]
Land Pattern
D1
D2
8.00 Max
[0,315]
13,80
[0,543]
5,50
[0,217]
3,85
[0,152]
8.00 Max
[0,315]
XXX
1
2
12,50 Max
[0,492]
12,50 Max
[0,492]
1
2
4,90 Typ
[0,193]
2,05 Typ
[0,081]
1
2
5.00 Typ
[0,197]
2,50 Typ
[0,098]
Land Pattern
E1
E2
XXX
1
2
1
2
12,50 Max
[0,492]
12,50 Max
[0,492]
1
2
13,80
[0,543]
5,50
[0,217]
3,85
[0,152]
4,90 Typ
[0,193]
2,05 Typ
[0,081]
5.00 Typ
[0,197]
2,50 Typ
[0,098]
Land Pattern
10.00 Max
[0,394]
10.00 Max
[0,394]
F1
F2
 
 
1MA74
1MA124
1MA125
1MA127
1MA129



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com