Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q563 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ML22Q563 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 15Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 16Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
At AMODE command input
CBUSYB “L” level output time
tPDA3
4.096 MHz
At external clock input
POP = “0”
DAEN = “1”
→”0”
(SPEN = “0”)
103
105
107
ms
CBUSYB “L” level output time 1 (*1)
tCB1
fOSC = 4.096 MHz
—
—
10
μs
CBUSYB “L” level output time 2 (*2)
tCB2
fOSC = 4.096 MHz
—
—
2
ms
CBUSYB “L” level output time 3 (*4)
tCB3
fOSC = 4.096 MHz
—
—
200
μs
Note: Output pin load capacitance = 45 pF (Max.)
*1: Applies to cases where a command is input, except after the PUP, PDWN, PLAY, START or AMODE
command input.
*2: Applies to cases where the PLAY or START command is input.
*3:
When FAD3-0 is initial value (8h)
*4:
Applies to cases where the STOP command is input.
13/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com